Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC908GR4MP Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 16Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 17Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 18Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 19Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 20Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 21Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 22Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 23Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 286 page
background image
General Description
MC68HC908GR8 • MC68HC908GR4 Data Sheet, Rev. 7
20
Freescale Semiconductor
•
7680 bytes of on-chip FLASH memory on the MC68HC908GR8 and 4096 bytes of on-chip FLASH
memory on the MC68HC908GR4 with in-circuit programming capabilities of FLASH program
memory
•
384 bytes of on-chip random-access memory (RAM)
•
Serial peripheral interface module (SPI)
•
Serial communications interface module (SCI)
•
One 16-bit, 2-channel timer (TIM1) and one 16-bit, 1-channel timer (TIM2) interface modules with
selectable input capture, output compare, and PWM capability on each channel
•
6-channel, 8-bit successive approximation analog-to-digital converter (ADC)
•
BREAK module (BRK) to allow single breakpoint setting during in-circuit debugging
•
Internal pullups on IRQ and RST to reduce customer system cost
•
Clock generator module with on-chip 32-kHz crystal compatible PLL (phase-lock loop)
•
Up to 21 general-purpose input/output (I/O) pins, including:
–
19 shared-function I/O pins
–
Up to two dedicated I/O pins, depending on package choice
•
Selectable pullups on inputs only on ports A, C, and D. Selection is on an individual port bit basis.
During output mode, pullups are disengaged.
•
High current 10-mA sink/10-mA source capability on all port pins
•
Higher current 15-mA sink/source capability on PTC0–PTC1
•
Timebase module with clock prescaler circuitry for eight user selectable periodic real-time
interrupts with optional active clock source during stop mode for periodic wakeup from stop using
an external 32-kHz crystal
•
Oscillator stop mode enable bit (OSCSTOPENB) in the CONFIG register to allow user selection of
having the oscillator enabled or disabled during stop mode
•
4-bit keyboard wakeup port
•
42-pin shrink dual in-line package (SDIP), 32-pin quad flat pack (QFP), 28-pin plastic dual-in-line
package (DIP), or 28-pin small outline integrated circuit (SOIC)
•
Specific features of the MC68HC908GR8 in 28-pin DIP and 28-pin SOIC are:
–
Port B is only 4 bits: PTB0–PTB3; 4-channel ADC module
–No Port C bits
1.2.2 Features of the CPU08
Features of the CPU08 include:
•
Enhanced HC05 programming model
•
Extensive loop control functions
•
16 addressing modes (eight more than the HC05)
•
16-bit index register and stack pointer
•
Memory-to-memory data transfers
•
Fast 8
× 8 multiply instruction
•
Fast 16/8 divide instruction
•
Binary-coded decimal (BCD) instructions
•
Optimization for controller applications
•
Efficient C language support



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com