Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC908GR4MP Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 41Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 42Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 43Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 44Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 45Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 46Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 47Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 48Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 286 page
background image
Resets
MC68HC908GR8 • MC68HC908GR4 Data Sheet, Rev. 7
Freescale Semiconductor
45
4.2.3.3 Low-Voltage Inhibit Reset
A low-voltage inhibit (LVI) reset is an internal reset caused by a drop in the power supply voltage to the
LVI trip voltage, VTRIPF.
An LVI reset:
•
Holds the clocks to the CPU and modules inactive for an oscillator stabilization delay of 4096
CGMXCLK cycles after the power supply voltage rises to VTRIPF
•
Drives the RST pin low for as long as VDD is below VTRIPF and during the oscillator stabilization
delay
•
Releases the RST pin 32 CGMXCLK cycles after the oscillator stabilization delay
•
Releases the CPU to begin the reset vector sequence 64 CGMXCLK cycles after the oscillator
stabilization delay
•
Sets the LVI bit in the SIM reset status register
4.2.3.4 Illegal Opcode Reset
An illegal opcode reset is an internal reset caused by an opcode that is not in the instruction set. An illegal
opcode reset sets the ILOP bit in the SIM reset status register.
If the stop enable bit, STOP, in the mask option register is a logic 0, the STOP instruction causes an illegal
opcode reset.
4.2.3.5 Illegal Address Reset
An illegal address reset is an internal reset caused by opcode fetch from an unmapped address. An illegal
address reset sets the ILAD bit in the SIM reset status register.
A data fetch from an unmapped address does not generate a reset.
4.2.4 SIM Reset Status Register
This read-only register contains flags to show reset sources. All flag bits are automatically cleared
following a read of the register. Reset service can read the SIM reset status register to clear the register
after power-on reset and to determine the source of any subsequent reset.
The register is initialized on powerup as shown with the POR bit set and all other bits cleared. During a
POR or any other internal reset, the RST pin is pulled low. After the pin is released, it will be sampled 32
XCLK cycles later. If the pin is not above a V
IH at that time, then the PIN bit in the SRSR may be set in
addition to whatever other bits are set.
NOTE
Only a read of the SIM reset status register clears all reset flags. After
multiple resets from different sources without reading the register, multiple
flags remain set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com