Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC908GR4MP Datasheet(PDF) 148 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 148 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 144Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 145Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 146Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 147Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 148Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 149Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 150Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 151Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 152Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 286 page
background image
Input/Output Ports (I/O)
MC68HC908GR8 • MC68HC908GR4 Data Sheet, Rev. 7
148
Freescale Semiconductor
PTAPUE3–PTAPUE0 — Port A Input Pullup Enable Bits
These writeable bits are software programmable to enable pullup devices on an input port bit.
1 = Corresponding port A pin configured to have internal pullup
0 = Corresponding port A pin has internal pullup disconnected
16.3 Port B
Port B is a 6-bit special-function port that shares all six of its pins with the analog-to-digital converter
(ADC) module.
16.3.1 Port B Data Register
The port B data register (PTB) contains a data latch for each of the six port pins.
PTB5–PTB0 — Port B Data Bits
These read/write bits are software-programmable. Data direction of each port B pin is under the control
of the corresponding bit in data direction register B. Reset has no effect on port B data.
AD5–AD0 — Analog-to-Digital Input Bits
AD5–AD0 are pins used for the input channels to the analog-to-digital converter module. The channel
select bits in the ADC status and control register define which port B pin will be used as an ADC input
and overrides any control from the port I/O logic by forcing that pin as the input to the analog circuitry.
NOTE
Care must be taken when reading port B while applying analog voltages to
AD5–AD0 pins. If the appropriate ADC channel is not enabled, excessive
current drain may occur if analog voltages are applied to the PTBx/ADx pin,
while PTB is read as a digital input. Those ports not selected as analog
input channels are considered digital I/O ports.
PTB4 and 5 are not available in a 28-pin DIP and SOIC package
Address:
$000D
Bit 7
654321
Bit 0
Read:
0000
PTAPUE3
PTAPUE2
PTAPUE1
PTAPUE0
Write:
Reset:
00000000
= Unimplemented
Figure 16-5. Port A Input Pullup Enable Register (PTAPUE)
Address:
$0001
Bit 7
6
5
4321
Bit 0
Read:
0
0
PTB5
PTB4
PTB3
PTB2
PTB1
PTB0
Write:
Reset:
Unaffected by reset
Alternative Function:
AD5
AD4
AD3
AD2
AD1
AD0
= Unimplemented
Figure 16-6. Port B Data Register (PTB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com