Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC908GR4MP Datasheet(PDF) 155 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 155 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 151Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 152Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 153Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 154Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 155Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 156Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 157Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 158Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 159Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 286 page
background image
Port E
MC68HC908GR8 • MC68HC908GR4 Data Sheet, Rev. 7
Freescale Semiconductor
155
16.5.3 Port D Input Pullup Enable Register
The port D input pullup enable register (PTDPUE) contains a software configurable pullup device for each
of the seven port D pins. Each bit is individually configurable and requires that the data direction register,
DDRD, bit be configured as an input. Each pullup is automatically and dynamically disabled when a port
bit’s DDRD is configured for output mode.
PTDPUE6–PTDPUE0 — Port D Input Pullup Enable Bits
These writeable bits are software programmable to enable pullup devices on an input port bit.
1 = Corresponding port D pin configured to have internal pullup
0 = Corresponding port D pin has internal pullup disconnected
16.6 Port E
Port E is a 2-bit special-function port that shares two of its pins with the serial communications interface
(SCI) module.
16.6.1 Port E Data Register
The port E data register contains a data latch for each of the two port E pins.
PTE1 and PTE0 — Port E Data Bits
PTE1 and PTE0 are read/write, software programmable bits. Data direction of each port E pin is under
the control of the corresponding bit in data direction register E.
NOTE
Data direction register E (DDRE) does not affect the data direction of port
E pins that are being used by the SCI module. However, the DDRE bits
always determine whether reading port E returns the states of the latches
or the states of the pins. See Table 16-6.
Address:
$000F
Bit 7
6
54
321
Bit 0
Read:
0
PTDPUE6
PTDPUE5
PTDPUE4
PTDPUE3
PTDPUE2
PTDPUE1
PTDPUE0
Write:
Reset:
00
00
000
0
= Unimplemented
Figure 16-16. Port D Input Pullup Enable Register (PTDPUE)
Address:
$0008
Bit 7
6
5
4321
Bit 0
Read:
000
000
PTE1
PTE0
Write:
Reset:
Unaffected by reset
Alternative Function:
RxD
TxD
= Unimplemented
Figure 16-17. Port E Data Register (PTE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com