Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33797 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # 33797
Description  Four Channel Squib Driver IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33797 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button 33797 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
23
33797
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
C8
FEN Status,
R_LIMIT_X,
R_DIAG Status,
IC Type
1
R_LIMIT_2
NO_FAULT
R_LIMIT_1
NO_FAULT
R_DIAG
NO_ FAULT
FEN 2
Latch
Status
FEN 1 Latch
Status
FEN 2
Status
FEN 1
Status
C9
VFIRE_RTN
Status
(Open Ground)
0
0
0
0
0
0
VFIRE_
RTN_2
VF2LOW
VFIRE_
RTN_1
VF1LOW
D0
Squib 1A
Resistance
SQB_1A
RC8
SQB_1A
RC7
SQB_1A
RC6
SQB_1A RC5 SQB_1A RC4
SQB_1A
RC3
SQB_1A
RC2
SQB_1A
RC1
D1
Squib 1B
Resistance
SQB_1B
RC8
SQB_1B
RC7
SQB_1B
RC6
SQB_1B RC5 SQB_1B RC4
SQB_1B
RC3
SQB_1B
RC2
SQB_1B
RC1
D2
Squib 2A
Resistance
SQB_2A
RC8
SQB_2A
RC7
SQB_2A
RC6
SQB_2A RC5 SQB_2A RC4
SQB_2A
RC3
SQB_2A
RC2
SQB_2A
RC1
D3
Squib 2B
Resistance
SQB_2B
RC8
SQB_2B
RC7
SQB_2B
RC6
SQB_2B RC5 SQB_2B RC4
SQB_2B
RC3
SQB_2B
RC2
SQB_2B
RC1
E0
Shorts Between
Squib Loops,
Squib 1A
0
0
0
0
SQB_2B
SQB_1A
SQB_2A
SQB_1A
SQB_1B
SQB_1A
SQB_1A
E1
Shorts Between
Squib Loops,
SQUIB 1B
0
0
0
0
SQB_2B
SQB_1B
SQB_2A
SQB_1B
SQB_1B
SQB_1A
SQB_1B
E2
Shorts Between
Squib Loops,
Squib 2A
0
0
0
0
SQB_2B
SQB_2A
SQB_2A
SQB_1B
SQB_2A
SQB_1A
SQB_2A
E3
Shorts Between
Squib Loops,
Squib 2B
0
0
0
0
SQB_2B
SQB_2A
SQB_2B
SQB_1B
SQB_2B
SQB_1A
SQB_2B
E8
Shorts Between
Squib Loops, for
Additional ICs
0
0
0
0
SQB_2B
SHORT
SQB_2A
SHORT
SQB_1B
SHORT
SQB_1A
SHORT
Table 7. Diagnostic Bit Definitions (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com