Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33797 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 33797
Description  Four Channel Squib Driver IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33797 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 33797 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33797
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Characteristics noted under conditions 4.75 V ≤ VDD ≤ 5.25 V; 7.0 V ≤ VVFIRE_XX ≤ 35 V; VVDIAG_X = VVFIRE_XX; FEN 1 = FEN 2
= VDD; RR_LIMIT_X = 10 kΩ ±1%, RR_DIAG = 10 kΩ ±1%, -40°C ≤ TA ≤ +85°C, GND = 0 unless otherwise noted. Typical values
noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
INPUT VOLTAGE (VDD)
Input Voltage
VDD
4.57
5.0
5.25
V
FET DRIVERS
Leakage Current at Minimum High Side Driver Breakdown Voltage
IDHSD
–
39
100
µA
Leakage Current at Minimum Low Side Driver Breakdown Voltage
IDLSD
–
65
100
µA
High-Side Driver Current Limit Range Set via Rlimit Resistor with Low
Battery Condition
tON ≤ 4.0 ms, RR_LIMIT_X = 10 kΩ, 5.0 V ≤ VVFIRE ≤ 7.0 V, RSQUIB =
2.0
Ω
IHS(LBAT)
1.09
1.4
2.9
A
High-Side Driver Low Current Limit Range Set via Rlimit Resistor
tON ≤ 2.6 ms, RR_LIMIT_X = RL=4.32 kΩ, 7.0 V ≤ VVFIRE ≤ 35 V
IHS(LOSET)
0.81
0.93
1.03
A
High-Side Driver Nominal Current Limit Range Set via Rlimit Resistor
tON ≤ 2.6 ms, RR_LIMIT_X = RL=10 kΩ, 7.0 V ≤ VVFIRE ≤ 35 V
IHS(NOM)
1.21
1.4
1.54
A
High-Side Driver High Current Limit Range Set via Rlimit Resistor
tON ≤ 0.8 ms, RR_LIMIT_X = RL=45.3 kΩ, 7.0 V ≤ VVFIRE ≤ 35 V
IHS(HISET)
1.76
2.0
2.24
A
Low-Side Drivers Current Limit
7.0 V
= SQLO < 16 V
SQLO = 16 V
ILS
2.1
2.24
2.47
2.65
3.0
3.14
A
High-Side Driver Current Limit Detect Threshold (7)
7.0 V
≤ V
VFIRE ≤ 35 V
IMEAS
IHS x 0.85
–
IHS x 1.0
A
Driver ON Resistance (per FET)
VVFIRE = 5.0 V, ILOAD = 0.5 A
RDS(ON)
–
–
1.0
Ω
VDD Operating Current
Standby (Diagnostics off, SPI “OFF”)
No Fire—Worst Case Diagnostics ($83/$2F Command Active)
Firing (with All FET Drivers “ON”)
IDD
–
–
–
2.0
15
4.3
5.0
17.5
6.0
mA
VFIRE Quiescent Current (8)
With Diagnostics Off
IRRE
22
34
55
µA
VDIAG Current During Squib Diagnostics
With Squib Resistance Diagnostics Active
IRRE
32
37
43
mA
VFIRE Operating Current During Firing
Excluding Firing Current, IHS = 2.0 A
IRRE
–
1.8
10
mA
VDIAG Operating Current During Firing
Per VDIAG pin, excluding Firing Current, IHS = 2.0 A
IRRE
–
140
200
µA
Notes
7
Guaranteed by design
8
VFIRE quiescent current includes any leakage current through squib.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com