Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33797 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # 33797
Description  Four Channel Squib Driver IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33797 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button 33797 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
Analog Integrated Circuit Device Data
12
Freescale Semiconductor
33797
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 4. Resistance Range vs. R_DIAG
SERIAL INTERFACE
Output Logic Low Level (D0)
ISINK = -800 µA
VOlow
0.0
–
0.2
x VDD
Output Logic High Level (D0)
ISOURCE = 800 µA
VOhigh
0.7
–
1.0
x VDD
Input Logic Threshold (D1, CS, CLK)
VLthr
0.35
–
0.65
x VDD
D1 Pull-Down Current
ID1
-6.0
-10
-15
µA
CLK Pull-Down Current
ICLK
-6.0
-10
-15
µA
CS Pull-Up Current
ICSBAR
10
20
30
µA
HI-Z Leakage (D0)
IHI-Z
–
–
±10
µA
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 4.75 V ≤ VDD ≤ 5.25 V; 7.0 V ≤ VVFIRE_XX ≤ 35 V; VVDIAG_X = VVFIRE_XX; FEN 1 = FEN 2
= VDD; RR_LIMIT_X = 10 kΩ ±1%, RR_DIAG = 10 kΩ ±1%, -40°C ≤ TA ≤ +85°C, GND = 0 unless otherwise noted. Typical values
noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
R_DIAG
IDIAG
(NOM)
RTH1
Min/Max
RTH2
Min/Max
RTH3
Min/Max
RTH4
Min/Max
RTH5
Min/Max
RTH6
Min/Max
RTH7
Min/Max
RTH8
Min/Max
8.0 k
Ω
(-20%)
41
0.9 / 1.3
1.2 / 1.7
1.6 / 2.1
2.0 / 2.6
2.6 / 3.6
3.6 / 4.8
4.5 / 5.7
5.3 / 6.8
9.0 k
Ω
(-10%)
38
1.0 / 1.4
1.4 / 1.9
1.9 / 2.3
2.3 / 2.9
2.0 / 4.0
4.1 / 5.4
5.1 / 6.4
6.0 / 7.7
10.0 k
Ω
35
1.2 / 1.6
1.6 / 2.1
2.1 / 2.6
2.6 / 3.2
3.3 / 4.4
4.6 / 6.0
5.7 / 7.1
6.7 / 8.5
11.0 k
Ω
(+10%)
32
1.3 / 1.8
1.8 / 2.3
2.3 / 2.9
2.9 / 3.6
3.6 / 4.9
5.0 / 6.6
6.2 / 7.8
7.4 / 9.4
12.0 k
Ω
(+20%)
29
1.4 / 1.9
1.9 / 2.5
2.5 / 3.1
3.1 / 3.9
3.9 / 5.3
5.5 / 7.2
6.8 / 8.6
8.0 / 10.2
13.0 k
Ω
(+30%)
26
1.5 / 2.1
2.1 / 2.7
2.7 / 3.4
3.4 / 4.2
4.2 / 5.8
6.0 / 7.8
7.4 / 9.3
8.7 / 11.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com