Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33797 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # 33797
Description  Four Channel Squib Driver IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33797 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button 33797 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
33797
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
RST INPUT PIN (ACTIVE LOW) (11)
System Reset Threshold
VDDRST
–
–
4.1
V
Internal Current Pull-Down
IRST
-6
-10
-15
µA
RST Logic Low Level
VRST(LO)
0.0
2.5
0.35 x VDD
V
RST Logic High Level
VRST(HI)
0.65 x VDD
2.5
1.0 x VDD
V
SQUIB DIAGNOSTICS ($D0–$D3 COMMANDS) (12)
Diagnostic Current Through Squib (13)
IDIAG
30
34
40.5
mA
Resistance Threshold 1 (13)
RTH1
1.2
1.4
1.6
Ω
Resistance Threshold 2 (13)
RTH2
1.6
1.8
2.1
Ω
Resistance Threshold 3 (13)
RTH3
2.1
2.4
2.6
Ω
Resistance Threshold 4 (13)
RTH4
2.6
2.9
3.2
Ω
Resistance Threshold 5 (13)
RTH5
3.3
3.7
4.4
Ω
Resistance Threshold 6 (13)
RTH6
4.6
5.4
6.0
Ω
Resistance Threshold 7 (13)
RTH7
5.7
6.5
7.1
Ω
Resistance Threshold 8 (13)
RTH8
6.7
7.8
8.5
Ω
SQUIB SHORT-TO-BATTERY/GROUND DIAGNOSTICS AND SQUIB HARNESS SHORT-TO-BATTERY/GROUND DIAGNOSTICS WITH
AN OPEN SQUIB ($C1, $C3 COMMANDS)
Voltage Threshold for SQB_LO and SQB_HI Shorted to VPWR
7.0 V
≤ V
VDIAG_X ≤ 35 V
VTHSB
5.7
6.0
6.4
V
Voltage Threshold for SQB_LO and SQB_HI Shorted to Ground
7.0 V
≤ V
VDIAG_X ≤ 35 V
VTHSG
1.3
1.4
1.6
V
Current Sink Shorts Measurements I_SQB_LO_XX (14)
1.0 V
≤ SENSE_XX ≤ 16 V, Typical = 800 µA
ISINKSHRTS
-500
-800
-900
µA
Current Source Shorts Measurements I_SQB_HI_XX (14)
1.0 V
≤ SENSE_XX ≤ 16 V, 7.0 V ≤ V
VDIAG_X ≤ 35 V
ISOURSHRTS
1.7
3.5
3.7
mA
Voltage Threshold for SQB_LO or SQB_HI Shorted to VPWR with an Open
Squib using $C3 Command
RSQUIB = Open
VTHSB_SO
5.75
–
6.75
V
Notes
11
Reset Bar range of operation: The minimum system reset bar threshold/active will be set to “0” for a value of VDD ≤ 4.1 V.
12
By changing the R_DIAG resistor value, the resistance thresholds can be varied in a linear relationship.The R_DIAG resistance can be
changed by ±10% to shift the thresholds by ±10%. Design goal for resistance threshold change is ±15%. R_DIAG threshold limit may
have to be changed to accommodate ±15% change. Example: Shifting the R_DIAG resistance value ±10%, the resistance threshold
will change by ±10%. Refer to Table 4, page 12.
13
RR_DIAG = 10 kΩ ±1.0%
14
XX = 1A, 1B, 2A, or 2B.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 4.75 V ≤ VDD ≤ 5.25 V; 7.0 V ≤ VVFIRE_XX ≤ 35 V; VVDIAG_X = VVFIRE_XX; FEN 1 = FEN 2
= VDD; RR_LIMIT_X = 10 kΩ ±1%, RR_DIAG = 10 kΩ ±1%, -40°C ≤ TA ≤ +85°C, GND = 0 unless otherwise noted. Typical values
noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com