Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34921 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 34921
Description  Configurable Motor Driver IC with Power Supplies
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34921 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 34921 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 16Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
34921
STATIC ELECTRICAL CHARACTERISTICS
Analog-to-Digital Converter (cont)
Zero Error (18), (19)
EZ
±1.0
±8.0
LSB(20)
Zero Error Drift
Over Time and Temperature (18)
EZD
±4.0
LSB
Full Scale Error (18), (19), (21)
EFS
±2.0
±8.0
LSB
Notes
18.
Errors include effects of multiplexer and sample and hold circuitry, including droop.
19.
The Zero Error is defined as the number of LSB values away from the ideal value of 1/2 LSB that the ADC output count will transition
from 0 to 1 when the input is swept through the range of interest. The transition must occur within the specified range.
20.
An LSB is defined as follows:
21.
The Full Scale Error is defined as the number of LSB values away from the ideal value of -1/2 LSB from Full Scale that the ADC output
count actually transitions from -1 LSB count to Full Scale count when the input voltage is swept through the voltage range of interest.
The transition must occur within the specified range.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 16 V B+ 34 V, 0
°C TA 70°C, and 0°C TJ 100°C unless otherwise noted.
Typical values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
1
03
2
5
47
6
000
001
010
011
100
101
110
111
Input Voltage
Zero Error
Ideal Transfer
Characteristic
Actual Transfer
Characteristic
1
03
2
5
47
6
000
001
010
011
100
101
110
111
Input Voltage
Full Scale Error
Ideal Transfer
Characteristic
Actual Transfer
Characteristic
1
03
25
47
6
000
001
010
011
100
101
110
111
Input Voltage
Differential
Nonlinearity
1
03
2
5
47
6
000
001
010
011
100
101
110
111
Input Voltage
Integral
Nonlinearity
LSB =
IMR
2#BITS-1
Volts
Where:
IMR is the Ideal Measurement Range.
#BITS is the resolution of the ADC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com