Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC855T Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # MPC855T
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC855T Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button MPC855T Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC855T Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC855T Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC855T Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC855T Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC855T Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC855T Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC855T Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC855T Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 80 page
background image
MPC860 Family Hardware Specifications, Rev. 7
34
Freescale Semiconductor
Bus Signal Timing
Table 9 shows the PCMCIA timing for the MPC860.
Figure 24 provides the PCMCIA access cycle timing for the external bus read.
Table 9. PCMCIA Timing
Num
Characteristic
33 MHz
40 MHz
50 MHz
66 MHz
Unit
Min
Max
Min
Max
Min
Max
Min
Max
P44
A(0:31), REG valid to PCMCIA
Strobe asserted 1
1
PSST = 1. Otherwise add PSST times cycle time.
PSHT = 0. Otherwise add PSHT times cycle time.
These synchronous timings define when the WAITx signals are detected in order to freeze (or relieve) the
PCMCIA current cycle. The WAITx assertion will be effective only if it is detected 2 cycles before the PSL
timer expiration. See Chapter 16, “PCMCIA Interface,” in the MPC860 PowerQUICC User’s Manual.
20.73
16.75
13.00
9.36
ns
P45
A(0:31), REG valid to ALE negation 1 28.30
23.00
18.00
13.15
ns
P46
CLKOUT to REG valid
7.58
15.58
6.25
14.25
5.00
13.00
3.79
11.84
ns
P47
CLKOUT to REG invalid
8.58
7.25
6.00
4.84
ns
P48
CLKOUT to CE1, CE2 asserted
7.58
15.58
6.25
14.25
5.00
13.00
3.79
11.84
ns
P49
CLKOUT to CE1, CE2 negated
7.58
15.58
6.25
14.25
5.00
13.00
3.79
11.84
ns
P50
CLKOUT to PCOE, IORD, PCWE,
IOWR assert time
11.00
11.00
11.00
11.00
ns
P51
CLKOUT to PCOE, IORD, PCWE,
IOWR negate time
2.00
11.00
2.00
11.00
2.00
11.00
2.00
11.00
ns
P52
CLKOUT to ALE assert time
7.58
15.58
6.25
14.25
5.00
13.00
3.79
10.04
ns
P53
CLKOUT to ALE negate time
15.58
14.25
13.00
11.84
ns
P54
PCWE, IOWR negated to D(0:31)
invalid 1
5.58
4.25
3.00
1.79
ns
P55
WAITA and WAITB valid to CLKOUT
rising edge 1
8.00
8.00
8.00
8.00
ns
P56
CLKOUT rising edge to WAITA and
WAITB invalid 1
2.00
2.00
2.00
2.00
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com