Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC855T Datasheet(PDF) 61 Page - Freescale Semiconductor, Inc

Part # MPC855T
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC855T Datasheet(HTML) 61 Page - Freescale Semiconductor, Inc

Back Button MPC855T Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC855T Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC855T Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC855T Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC855T Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC855T Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC855T Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC855T Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC855T Datasheet HTML 65Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 80 page
background image
MPC860 Family Hardware Specifications, Rev. 7
Freescale Semiconductor
61
CPM Electrical Characteristics
11.9 SMC Transparent AC Electrical Specifications
Table 23 provides the SMC transparent timings as shown in Figure 63.
Figure 63. SMC Transparent Timing Diagram
11.10SPI Master AC Electrical Specifications
Table 24 provides the SPI master timings as shown in Figure 64 and Figure 65.
Table 23. SMC Transparent Timing
Num
Characteristic
All Frequencies
Unit
Min
Max
150
SMCLK clock period 1
1
SYNCCLK must be at least twice as fast as SMCLK.
100
ns
151
SMCLK width low
50
ns
151A
SMCLK width high
50
ns
152
SMCLK rise/fall time
15
ns
153
SMTXD active delay (from SMCLK falling edge)
10
50
ns
154
SMRXD/SMSYNC setup time
20
ns
155
RXD1/SMSYNC hold time
5
ns
SMCLK
SMRXD
(Input)
152
150
SMTXD
(Output)
152
151
SMSYNC
151
154
153
155
154
155
NOTE
NOTE:
This delay is equal to an integer number of character-length clocks.
1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com