Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC855T Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # MPC855T
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC855T Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button MPC855T Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC855T Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC855T Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC855T Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC855T Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC855T Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC855T Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC855T Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC855T Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 80 page
background image
MPC860 Family Hardware Specifications, Rev. 7
Freescale Semiconductor
19
Bus Signal Timing
B35
A(0:31), BADDR(28:30) to CS
valid—as requested by control bit
BST4 in the corresponding word in
UPM
5.58
—
4.25
—
3.00
—
1.79
—
ns
B35a
A(0:31), BADDR(28:30), and D(0:31)
to BS valid—as requested by control
bit BST1 in the corresponding word
in UPM
13.15
—
10.50
—
8.00
—
5.58
—
ns
B35b
A(0:31), BADDR(28:30), and D(0:31)
to BS valid—as requested by control
bit BST2 in the corresponding word
in UPM
20.73
—
16.75
—
13.00
—
9.36
—
ns
B36
A(0:31), BADDR(28:30), and D(0:31)
to GPL valid—as requested by
control bit GxT4 in the corresponding
word in UPM
5.58
—
4.25
—
3.00
—
1.79
—
ns
B37
UPWAIT valid to CLKOUT falling
edge 9
6.00
—
6.00
—
6.00
—
6.00
—
ns
B38
CLKOUT falling edge to UPWAIT
valid 9
1.00
—
1.00
—
1.00
—
1.00
—
ns
B39
AS valid to CLKOUT rising edge 10
7.00
—
7.00
—
7.00
—
7.00
—
ns
B40
A(0:31), TSIZ(0:1), RD/WR, BURST,
valid to CLKOUT rising edge
7.00
—
7.00
—
7.00
—
7.00
—
ns
B41
TS valid to CLKOUT rising edge
(setup time)
7.00
—
7.00
—
7.00
—
7.00
—
ns
B42
CLKOUT rising edge to TS valid
(hold time)
2.00
—
2.00
—
2.00
—
2.00
—
ns
B43
AS negation to memory controller
signals negation
—
TBD
—
TBD
—
TBD
—
TBD
ns
1
Phase and frequency jitter performance results are only valid if the input jitter is less than the prescribed value.
2
If the rate of change of the frequency of EXTAL is slow (that is, it does not jump between the minimum and maximum
values in one cycle) or the frequency of the jitter is fast (that is, it does not stay at an extreme value for a long time)
then the maximum allowed jitter on EXTAL can be up to 2%.
3
The timings specified in B4 and B5 are based on full strength clock.
4
The timing for BR output is relevant when the MPC860 is selected to work with external bus arbiter. The timing for
BG output is relevant when the MPC860 is selected to work with internal bus arbiter.
5
The timing required for BR input is relevant when the MPC860 is selected to work with internal bus arbiter. The timing
for BG input is relevant when the MPC860 is selected to work with external bus arbiter.
6
The D(0:31) and DP(0:3) input timings B18 and B19 refer to the rising edge of the CLKOUT in which the TA input
signal is asserted.
7
The D(0:31) and DP(0:3) input timings B20 and B21 refer to the falling edge of the CLKOUT. This timing is valid only
for read accesses controlled by chip-selects under control of the UPM in the memory controller, for data beats where
DLT3 = 1 in the UPM RAM words. (This is only the case where data is latched on the falling edge of CLKOUT.)
Table 7. Bus Operation Timings (continued)
Num
Characteristic
33 MHz
40 MHz
50 MHz
66 MHz
Unit
Min
Max
Min
Max
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com