Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC855T Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # MPC855T
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC855T Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button MPC855T Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC855T Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC855T Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC855T Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC855T Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC855T Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC855T Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC855T Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC855T Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 80 page
background image
MPC860 Family Hardware Specifications, Rev. 7
48
Freescale Semiconductor
CPM Electrical Characteristics
Figure 47. SDACK Timing Diagram—Peripheral Read, Internally-Generated TA
11.4 Baud Rate Generator AC Electrical Specifications
Table 17 provides the baud rate generator timings as shown in Figure 48.
Figure 48. Baud Rate Generator Timing Diagram
Table 17. Baud Rate Generator Timing
Num
Characteristic
All Frequencies
Unit
Min
Max
50
BRGO rise and fall time
10
ns
51
BRGO duty cycle
40
60
%
52
BRGO cycle
40
ns
DATA
42
45
CLKO
(Output)
TS
(Output)
R/W
(Output)
TA
(Output)
SDACK
52
50
51
BRGOX
50
51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com