Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8540CPX667LB Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

Part # MPC8540CPX667LB
Description  Integrated Processor Hardware Specifications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540CPX667LB Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button MPC8540CPX667LB Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 104 page
background image
MPC8540 Integrated Processor Hardware Specifications, Rev. 4
38
Freescale Semiconductor
Local Bus
Table 37 describes the general timing parameters of the local bus interface of the MPC8540 with the DLL
bypassed.
Table 37. Local Bus General Timing Parameters—DLL Bypassed
Parameter
POR Configuration
Symbol 1
Min
Max
Unit
Notes
Local bus cycle time
tLBK
6.0
—
ns
2
Internal launch/capture clock to LCLK
delay
tLBKHKT
2.3
3.9
ns
8
LCLK[n] skew to LCLK[m] or LSYNC_OUT
tLBKSKEW
—
150
ps
3, 9
Input setup to local bus clock (except
LUPWAIT)
tLBIVKH1
5.7
—
ns
4, 5
LUPWAIT input setup to local bus clock
tLBIVKH2
5.6
—
ns
4, 5
Input hold from local bus clock (except
LUPWAIT)
tLBIXKH1
-1.8
—
ns
4, 5
LUPWAIT input hold from local bus clock
tLBIXKH2
-1.3
—
ns
4, 5
LALE output transition to LAD/LDP output
transition (LATCH hold time)
tLBOTOT
1.5
—
ns
6
Local bus clock to output valid (except
LAD/LDP and LALE)
TSEC2_TXD[6:5] = 00
tLBKLOV1
—-0.3
ns
4
TSEC2_TXD[6:5] = 11
(default)
1.2
Local bus clock to data valid for LAD/LDP
TSEC2_TXD[6:5] = 00
tLBKLOV2
—-0.1
ns
4
TSEC2_TXD[6:5] = 11
(default)
1.4
Local bus clock to address valid for LAD
TSEC2_TXD[6:5] = 00
tLBKLOV3
—0
ns
4
TSEC2_TXD[6:5] = 11
(default)
1.5
Local bus clock to LALE assertion
tLBKHOV4
—0
ns
4
Output hold from local bus clock (except
LAD/LDP and LALE)
TSEC2_TXD[6:5] = 00
tLBKLOX1
-3.2
—
ns
4
TSEC2_TXD[6:5] = 11
(default)
-2.3
Output hold from local bus clock for
LAD/LDP
TSEC2_TXD[6:5] = 00
tLBKLOX2
-3.2
—
ns
4
TSEC2_TXD[6:5] = 11
(default)
-2.3
Local bus clock to output high Impedance
(except LAD/LDP and LALE)
TSEC2_TXD[6:5] = 00
tLBKLOZ1
—0.2
ns
7
TSEC2_TXD[6:5] = 11
(default)
1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com