Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8540CPX667LB Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc

Part # MPC8540CPX667LB
Description  Integrated Processor Hardware Specifications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540CPX667LB Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button MPC8540CPX667LB Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 104 page
background image
MPC8540 Integrated Processor Hardware Specifications, Rev. 4
74
Freescale Semiconductor
Package and Pin Listings
Power Management
ASLEEP
AG18
I/O
9, 19
Power and Ground Signals
AVDD1
AH19
Power for e500 PLL
(1.2 V)
AVDD1
AVDD2
AH18
Power for CCB PLL
(1.2 V)
AVDD2
GND
A12, A17, B3, B14, B20, B26, B27, C2, C4,
C11,C17, C19, C22, C27, D8, E3, E12, E24, F11,
F18, F23, G9, G12, G25, H4, H12, H14, H17, H20,
H22, H27, J19, J24, K5, K9, K18, K23, K28, L6, L20,
L25, M4, M12, M14, M16, M22, M27, N2, N13, N15,
N17, P12, P14, P16, P23, R13, R15, R17, R20,
R26, T3, T8, T10, T12, T14, T16, U6, U13, U15,
U16, U17, U21, V7, V10, V26, W5, W18, W23, Y8,
Y16, AA6, AA13, AB4, AB11, AB19, AC6, AC9,
AD3, AD8, AD17, AF2, AF4, AF10, AF13, AF15,
AF27, AG3, AG7, AG26
——
GVDD
A14, A20, A25, A26, A27, A28, B17, B22, B28, C12,
C28, D16, D19, D21, D24, D28, E17, E22, F12, F15,
F19, F25, G13, G18, G20, G23, G28, H19, H24,
J12, J17, J22, J27, K15, K20, K25, L13, L23, L28,
M25, N21
Power for DDR
DRAM I/O Voltage
(2.5 V)
GVDD
LVDD
A4, C5, E7, H10
Reference Voltage;
Three-Speed
Ethernet I/O (2.5 V,
3.3 V)
LVDD
MVREF
N27
Reference Voltage
Signal; DDR
MVREF
No Connects
AH26, AH27, AH28, AG28, AF28, AE28,
AH1, AG1, AH2, B1, B2, A2, A3, AH25, H1, H2, J1,
J2, J3, J4, J5, J6, J7, J8, K8, K7, K6, K3, K2, K1, L1,
L2, L3, L4, L5, L8, L9, L10, L11, M10, M9, M8, M7,
M6, M3, M2, P7, P6, P5, P4, P3, P2, P1, R1, R2, R3,
R4, R5, R6, R7, R8, R9, R10, R11, T9, T6, T5, T4,
T1, U1, U2, U3, U4, U8, U10, V5, V4, V3, V2, V1,
W1, W2, W3, W6, W7, W8, W9, Y1, Y2, Y3, Y4, Y5,
Y6, Y9, AA8, AA7, AA4, AA3, AA2, AA1, AB1, AB2,
AB3, AB5, AB6, AC7, AC4, AC3, AC2, AC1
——
16
OVDD
D1, E4, H3, K4, K10, L7, M5, N3, P22, R19, R25,
T2, T7, U5, U20, U26, V8, W4, W13, W19, W21, Y7,
Y23, AA5, AA12, AA16, AA20, AB7, AB9, AB26,
AC5, AC11, AC17, AD4, AE1, AE8, AE10, AE15,
AF7, AF12, AG27, AH4
PCI/PCI-X,
RapidIO, 10/100
Ethernet, and other
Standard
(3.3 V)
OVDD
Table 53. MPC8540 Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com