Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8540CPX667LB Datasheet(PDF) 62 Page - Freescale Semiconductor, Inc

Part # MPC8540CPX667LB
Description  Integrated Processor Hardware Specifications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540CPX667LB Datasheet(HTML) 62 Page - Freescale Semiconductor, Inc

Back Button MPC8540CPX667LB Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 66Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 104 page
background image
MPC8540 Integrated Processor Hardware Specifications, Rev. 4
62
Freescale Semiconductor
RapidIO
13.3.2 RapidIO Receiver AC Timing Specifications
The RapidIO receiver AC timing specifications are provided in Table 50. A receiver shall comply with the
specifications for each data rate/frequency for which operation of the receiver is specified. Unless
otherwise specified, these specifications are subject to the following conditions.
•
The specifications apply over the supply voltage and ambient temperature ranges specified by the
device vendor.
•
The specifications apply for any combination of data patterns on the data signals.
•
The specifications apply over the receiver common mode and differential input voltage ranges.
•
Clock specifications apply only to clock signals.
•
Data specifications apply only to data signals (FRAME, D[0:7])
Table 50. RapidIO Receiver AC Timing Specifications—500 Mbps Data Rate
Characteristic
Symbol
Range
Unit
Notes
Min
Max
Duty cycle of the clock input
DC
47
53
%
1, 5
Data valid
DV
1080
ps
2
Allowable static skew between any two data inputs
within a 8-/9-bit group
tDPAIR
—
380
ps
3
Allowable static skew of data inputs to associated clock
tSKEW,PAIR
–300
300
ps
4
Notes:
1.Measured at VID = 0 V.
2.Measured using the RapidIO receive mask shown in Figure 39.
3.See Figure 42.
4.See Figure 41 and Figure 42.
5.Guaranteed by design.
Table 51. RapidIO Receiver AC Timing Specifications—750 Mbps Data Rate
Characteristic
Symbol
Range
Unit
Notes
Min
Max
Duty cycle of the clock input
DC
47
53
%
1, 5
Data valid
DV
600
—
ps
2
Allowable static skew between any two data inputs
within a 8-/9-bit group
tDPAIR
—400
ps
3
Allowable static skew of data inputs to associated clock
tSKEW,PAIR
–267
267
ps
4
Notes:
1.Measured at VID = 0 V.
2.Measured using the RapidIO receive mask shown in Figure 39.
3.See Figure 42.
4.See Figure 41 and Figure 42.
5.Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com