Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8540CPX667LB Datasheet(PDF) 52 Page - Freescale Semiconductor, Inc

Part # MPC8540CPX667LB
Description  Integrated Processor Hardware Specifications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540CPX667LB Datasheet(HTML) 52 Page - Freescale Semiconductor, Inc

Back Button MPC8540CPX667LB Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8540CPX667LB Datasheet HTML 56Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 104 page
background image
MPC8540 Integrated Processor Hardware Specifications, Rev. 4
52
Freescale Semiconductor
PCI/PCI-X
Figure 17 provides the AC test load for PCI and PCI-X.
Figure 31. PCI/PCI-X AC Test Load
Figure 32 shows the PCI/PCI-X input AC timing conditions.
Figure 32. PCI-PCI-X Input AC Timing Measurement Conditions
Figure 33 shows the PCI/PCI-X output AC timing conditions.
Figure 33. PCI-PCI-X Output AC Timing Measurement Condition
Table 43 provides the PCI-X AC timing specifications at 66 MHz.
Table 43. PCI-X AC Timing Specifications at 66 MHz
Parameter
Symbol
Min
Max
Unit
Notes
SYSCLK to signal valid delay
tPCKHOV
—
3.8
ns
1, 2, 3,
7, 8
Output hold from SYSCLK
tPCKHOX
0.7
—
ns
1, 10
SYSCLK to output high impedance
tPCKHOZ
—
7
ns
1, 4, 8, 11
Input setup time to SYSCLK
tPCIVKH
1.7
—
ns
3, 5
Input hold time from SYSCLK
tPCIXKH
0.5
—
ns
10
REQ64 to HRESET setup time
tPCRVRH
10
—
clocks
11
HRESET to REQ64 hold time
tPCRHRX
050
ns
11
HRESET high to first FRAME assertion
tPCRHFV
10
—
clocks
9, 11
Output
OVDD/2
RL = 50 Ω
Z0 = 50 Ω
tPCIVKH
CLK
Input
tPCIXKH
CLK
Output Delay
tPCKHOV
High-Impedance
tPCKHOZ
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com