Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB95F133JS Datasheet(PDF) 40 Page - fujitsu semiconductor

Part # MB95F133JS
Description  8-bit Proprietary Microcontrollers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F133JS Datasheet(HTML) 40 Page - fujitsu semiconductor

Back Button MB95F133JS Datasheet HTML 36Page - fujitsu semiconductor MB95F133JS Datasheet HTML 37Page - fujitsu semiconductor MB95F133JS Datasheet HTML 38Page - fujitsu semiconductor MB95F133JS Datasheet HTML 39Page - fujitsu semiconductor MB95F133JS Datasheet HTML 40Page - fujitsu semiconductor MB95F133JS Datasheet HTML 41Page - fujitsu semiconductor MB95F133JS Datasheet HTML 42Page - fujitsu semiconductor MB95F133JS Datasheet HTML 43Page - fujitsu semiconductor MB95F133JS Datasheet HTML 44Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 63 page
background image
MB95130M Series
40
(3) External Reset
(VCC
= 5.0 V ± 10%, AVSS = VSS = 0.0 V, TA = − 40 °C to + 85 °C)
*1 : Refer to “ (2) Source Clock/Machine Clock” for tMCLK.
*2 : Oscillation start time of oscillator is the time that the amplitude reaches 90 %. In the crystal oscillator, the
oscillation time is between several ms and tens of ms. In ceramic oscillators, the oscillation time is between
hundreds of
µs and several ms. In the external clock, the oscillation time is 0 ms.
Parameter
Symbol
Value
Unit
Remarks
Min
Max
RST “L” level pulse
width
tRSTL
2 tMCLK*1
⎯
ns
At normal operation
Oscillation time of oscillator*2
+ 100
⎯µs
At stop mode, sub clock mode,
sub sleep mode & watch mode
100
⎯µs At timebase timer mode
tRSTL
0.2 VCC
RST
0.2 VCC
tRSTL
0.2 VCC
0.2 VCC
100
µs
RST
X0
• At normal operation
• At stop mode, sub clock mode, sub sleep mode, watch mode, and power-on
Internal
operating
clock
Internal reset
90
% of
amplitude
Oscillation time
of oscillator
Oscillation stabilization wait time
Execute instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com