Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB95F133JS Datasheet(PDF) 2 Page - fujitsu semiconductor

Part # MB95F133JS
Description  8-bit Proprietary Microcontrollers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F133JS Datasheet(HTML) 2 Page - fujitsu semiconductor

  MB95F133JS Datasheet HTML 1Page - fujitsu semiconductor MB95F133JS Datasheet HTML 2Page - fujitsu semiconductor MB95F133JS Datasheet HTML 3Page - fujitsu semiconductor MB95F133JS Datasheet HTML 4Page - fujitsu semiconductor MB95F133JS Datasheet HTML 5Page - fujitsu semiconductor MB95F133JS Datasheet HTML 6Page - fujitsu semiconductor MB95F133JS Datasheet HTML 7Page - fujitsu semiconductor MB95F133JS Datasheet HTML 8Page - fujitsu semiconductor MB95F133JS Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 63 page
background image
MB95130M Series
2
(Continued)
• Timer
• 8/16-bit compound timer
• 8/16-bit PPG
• 16-bit PPG
• Timebase timer
• Watch prescaler (for dual clock product)
• LIN-UART
• Full duplex double buffer
• Clock asynchronous (UART) or clock synchronous (SIO) serial data transfer capable
• UART/SIO
• Full duplex double buffer
• Clock asynchronous (UART) or clock synchronous (SIO) serial data transfer capable
• External interrupt
• Interrupt by edge detection (rising, falling, or both edges can be selected)
• Can be used to recover from low-power consumption (standby) modes.
• 8/10-bit A/D converter
• 8-bit or 10-bit resolution can be selected.
• Low-power consumption (standby) mode
• Stop mode
• Sleep mode
• Watch mode (for dual clock product)
• Timebase timer mode
• I/O port
• The number of maximum ports
• Single clock product : 20 ports
• Dual clock product : 18 ports
• Configuration
• General-purpose I/O ports (COMS) : Single clock product : 20 ports
Dual clock product : 18 ports
• Programmable input voltage levels of port
Automotive input level
/ CMOS input level / hysteresis input level
• Flash memory security function
Protects the content of Flash memory (Flash memory device only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com