Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB95F133JS Datasheet(PDF) 54 Page - fujitsu semiconductor

Part # MB95F133JS
Description  8-bit Proprietary Microcontrollers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F133JS Datasheet(HTML) 54 Page - fujitsu semiconductor

Back Button MB95F133JS Datasheet HTML 50Page - fujitsu semiconductor MB95F133JS Datasheet HTML 51Page - fujitsu semiconductor MB95F133JS Datasheet HTML 52Page - fujitsu semiconductor MB95F133JS Datasheet HTML 53Page - fujitsu semiconductor MB95F133JS Datasheet HTML 54Page - fujitsu semiconductor MB95F133JS Datasheet HTML 55Page - fujitsu semiconductor MB95F133JS Datasheet HTML 56Page - fujitsu semiconductor MB95F133JS Datasheet HTML 57Page - fujitsu semiconductor MB95F133JS Datasheet HTML 58Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 63 page
background image
MB95130M Series
54
(2) Notes on Using A/D Converter
• External impedance of analog input and its sampling time
• A/D converter with sample and hold circuit. If the external impedance is too high to keep sufficient sampling
time, the analog voltage charged to the internal sample and hold capacitor is insufficient, adversely affecting
A/D conversion precision. Therefore to satisfy the A/D conversion precision standard, consider the relationship
between the external impedance and minimum sampling time and either adjust the register value and operating
frequency or decrease the external impedance so that the sampling time is longer than the minimum value.
Also, if the sampling time cannot be sufficient, connect a capacitor of about 0.1
µF to the analog input pin.
• Errors
As |AVCC
− AVSS| becomes smaller, values of relative errors grow larger.
R
C
Analog input
Note : The values are reference values.
• Analog input equivalent circuit
RC
4.5 V
≤ AVCC ≤ 5.5 V
2.0 k
Ω (Max)
16 pF (Max)
4.0 V
≤ AVCC < 4.5 V
8.2 k
Ω (Max)
16 pF (Max)
Comparator
During sampling : ON
20
18
16
14
12
10
8
6
4
2
0
02
13
4
100
90
80
70
60
50
40
30
20
10
0
0
2
4
6
8
10
12
14
(External impedance
= at 0 kΩ to 100 kΩ)
(External impedance
= at 0 kΩ to 20 kΩ)
Minimum sampling time [
µs]
Minimum sampling time [
µs]
AVCC
≥ 4.0 V
• The relationship between external impedance and minimum sampling time
AVCC
≥ 4.5 V
AVCC
≥ 4.5 V
AVCC
≥ 4.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com