Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB95F133JS Datasheet(PDF) 62 Page - fujitsu semiconductor

Part # MB95F133JS
Description  8-bit Proprietary Microcontrollers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F133JS Datasheet(HTML) 62 Page - fujitsu semiconductor

Back Button MB95F133JS Datasheet HTML 55Page - fujitsu semiconductor MB95F133JS Datasheet HTML 56Page - fujitsu semiconductor MB95F133JS Datasheet HTML 57Page - fujitsu semiconductor MB95F133JS Datasheet HTML 58Page - fujitsu semiconductor MB95F133JS Datasheet HTML 59Page - fujitsu semiconductor MB95F133JS Datasheet HTML 60Page - fujitsu semiconductor MB95F133JS Datasheet HTML 61Page - fujitsu semiconductor MB95F133JS Datasheet HTML 62Page - fujitsu semiconductor MB95F133JS Datasheet HTML 63Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 62 / 63 page
background image
MB95130M Series
62
■ MAIN CHANGES IN THIS EDITION
Page
Section
Change Results
⎯⎯
Preliminary Data Sheet
→ Data Sheet
⎯⎯
Added the part numbers.
(MB95F133JS/MB95F133JW
MB95F134JS/MB95F134JW
MB95F136JS/MB95F136JW)
4
■ PRODUCT LINEUP
Added the description "Clock supervisor" in the
section "Option".
15
■ PROGRAMMING FLASH MEMORY
MICROCONTROLLERS USING PARALLEL
PROGRAMMER
Inserted "
• Programming Method".
25
■ I/O MAP
Added the address 0FEAH.
30
2. Recommended Operating Conditions
"Verified the Min value in the section of "Other
than MB95FV100D-103", "In normal operating"
of "Power supply voltage";
2.5
→ 2.42.
Verified the value in *2;
2.9 V
→ 2.88 V.
Moved “H” level input voltage and “L” level input
voltage to the section "3. DC Characteristics".
31
3. DC Characteristics
Added the pin name at the "Pin name" in the
section of VIHA, “H” level input voltage.
Added the pin name at the "Pin name" in the
section of VILA, “L” level input voltage.
34
Deleted the line of "FCH = 16 MHz" in the section
"ICTS" of Power supply current.
35
4. AC Characteristics
(1) Clock Timing
Changed in the table;
VCC = 2.5 V to 5.5 V
→ VCC = 2.42 V to 5.5 V.
Changed the Max value on the third column of
the clock frequency;
16.25
→ 10.00
38
4. AC Characteristics
(2) Source Clock/Machine Clock
Verified the diagram of Main PLL operation
frequency range.
50
(8) Low Voltage Detection
Changed the release voltage:
2.55
→ 2.52 (Min value)
2.85
→ 2.88 (Max value)
Changed the detection voltage:
2.45
→ 2.42 (Min value)
2.75
→ 2.78 (Max value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com