Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB95F133JS Datasheet(PDF) 19 Page - fujitsu semiconductor

Part # MB95F133JS
Description  8-bit Proprietary Microcontrollers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F133JS Datasheet(HTML) 19 Page - fujitsu semiconductor

Back Button MB95F133JS Datasheet HTML 15Page - fujitsu semiconductor MB95F133JS Datasheet HTML 16Page - fujitsu semiconductor MB95F133JS Datasheet HTML 17Page - fujitsu semiconductor MB95F133JS Datasheet HTML 18Page - fujitsu semiconductor MB95F133JS Datasheet HTML 19Page - fujitsu semiconductor MB95F133JS Datasheet HTML 20Page - fujitsu semiconductor MB95F133JS Datasheet HTML 21Page - fujitsu semiconductor MB95F133JS Datasheet HTML 22Page - fujitsu semiconductor MB95F133JS Datasheet HTML 23Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 63 page
background image
MB95130M Series
19
2.
Register
The MB95130M series has two types of registers; dedicated registers in the CPU and general-purpose registers
in the memory. The dedicated registers are as include:
The PS can further be divided into higher 8 bits for use as a register bank pointer (RP) and a direct bank pointer
(DP) and the lower 8 bits for use as a condition code register (CCR). (Refer to the diagram below.)
Program counter (PC)
: A 16-bit register to indicate locations where instructions are stored.
Accumulator (A)
: A 16-bit register for temporary storage of arithmetic operations. In the case of
an 8-bit data processing instruction, the lower 1-byte is used.
Temporary accumulator (T)
: A 16-bit register which performs arithmetic operations with the accumulator.
In the case of an 8-bit data processing instruction, the lower 1-byte is used.
Index register (IX)
: A 16-bit register for index modification
Extra pointer (EP)
: A 16-bit pointer to point to a memory address.
Stack pointer (SP)
: A 16-bit register to indicate a stack area.
Program status (PS)
: A 16-bit register for storing a register bank pointer, a direct bank pointer, and
a condition code register
PC
A
T
IX
EP
SP
PS
: Program counter
16 bits
: Accumulator
: Temporary accumulator
: Index register
: Extra pointer
: Stack pointer
: Program status
Initial Value
FFFDH
0000H
0000H
0000H
0000H
0000H
0030H
PS
RP
CCR
bit15 bit14 bit13 bit12 bit11 bit10
bit9
bit8
DP2
DP1
DP0
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
R4
R3
R2
R1
R0
H
I
IL1
IL0
N
Z
V
C
DP
• Structure of the program status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com