Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL375-7 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PL375-7
Description  RF interconnect products
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PL375-7 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PL375-7 Datasheet HTML 1Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 2Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 3Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 4Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 5Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 6Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 7Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 8Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 141 page
background image
R
Trompeter Products Catalog - T21 Military/Aerospace
ISO 9001
Registered
(800) 982-2629
Fax: (818) 706-1040
www.trompeter.com
2
rf interconnect products
Introduction
Established in 1960, Trompeter is a manufacturer of high value wireline coax, triax, and twinax transmission line
connectors, cable, and the tools required for assembly. In addition, the company has a broad line of patch panel insertion-
controlled interconnect modules and a rapid response cable assembly business. The firm is ISO-9001 registered and
enjoys an international presence in the Telecommunications, Broadcast, and Military/Aerospace markets.
MIL-STD-1553B Digital Data Bus Applications
Twinax /Triax connectors are used in military applications to protect data signals from extraneous noise through non-
signal-carrying shielding. Interfacing connectors must provide contact surfaces isolated from each other and from their
outer shields. MIL-STD-1553B addresses twinax applications for computerized/multiplexed digital data distribution
systems servicing the many functions of Command, Control, Communications, Computers and Intelligence (C4I) which
was originally designed for military aircraft. MIL-STD-1553B applications are found in military surface ships, battle
tanks, helicopters, missiles, space vehicles, combat aircraft and in many ground applications such as data networks and
perimeter security for airports, armories, and other government installations.
The great advantages of additional information, automation and weight savings, which are necessary for the complex
demands of aircraft operations are realized by using a single transmission cable instead of the complicated, heavy,
dedicated multiple cable used in the past. A 78
Ω twinax cable was selected to provide the transmitted digital information
with the needed protection from magnetic, electrostatic and electromagnetic pulse (EMP) interference. Complete
shielding of the twisted pair along the transmission path and all electrical contacts within multi-pin connectors must be
maintained.
Trompeter provides matching components of Twinax/Triax connectors and cable for improving the transmission
capabilities and interference rejection of data transmission systems. Trompeter components will meet or exceed MIL-
STD-1553B requirements (for airborne and ground checkout) and MIL-STD-1760 "External Stores".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com