Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL375-7 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # PL375-7
Description  RF interconnect products
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PL375-7 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button PL375-7 Datasheet HTML 3Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 4Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 5Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 6Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 7Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 8Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 9Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 10Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 141 page
background image
R
Trompeter Products Catalog - T21 Military/Aerospace
ISO 9001
Registered
(800) 982-2629
Fax: (818) 706-1040
www.trompeter.com
7
Twinax/triax connector introductions
Twinax/Triax Connectors
Signals require protection from extraneous noise through
non-signal carrying shielding. These interfacing connec-
tors must provide contact surfaces isolated from each
other, as well as from the outer shield. Trompeter
twinaxial/triaxial connectors are designed with two (2)
concentric contacts that are isolated from each other and
the shielding connection.
Features
▲ All metallic parts are machined/formed to extremely close
tolerances.
▲ All bodies are made of top quality brass with bright nickel-
plated, non-tarnish finish.
▲ Fully enclosed, heat-treated, beryllium-copper outer conductor
spring (not half hard slotted brass) a patented feature!
▲ Heat-treated, beryllium-copper center socket contact with
50 millionths inch gold plating.
These concentric twinax/triax connectors are ideal for
applications where weight is not a primary concern. They
are commonly used in digital data bus, video pair, MIL-
STD-1553B (airborne/ground, primary/redundant), base-
band circuit and any application for "noise-free guarded"
circuits.
70 Series
Miniature 2, 3, 4 lug, and Push-on (TRB)
370 Series
Miniature Threaded (TRT)
Features
▲ Same size as BNC/TNC connectors. Large body versions are
available to accommodate larger cables.
▲ Field serviceable, wrench crimp versions for cables
with up to .475" outer diameters.
▲ Tool crimp versions for quick termination of cables with
up to .250" outer diameters.
▲ 3-lug, 4-lug, and threaded versions provide different levels
of mechanical stability and keying.
▲ Does not require mechanical alignment for mating.
▲ QPL'd to MIL-C-49142 (see list on page 8).
▲ Meets MIL-C-49142, 48-hour salt spray requirement.
▲ Special plating available to satisfy MIL-STD-1344,
500-hour salt spray requirement.
▲ Push-on versions for test cable applications.
▲ Fewer pieces to assemble.
▲ Hermetically sealed versions are available (page 13).
Built to Last Premium Quality
Superior Mechanical Performance
Rugged Physical Properties
Extreme Reliability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com