Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL375-7 Datasheet(PDF) 59 Page - List of Unclassifed Manufacturers

Part # PL375-7
Description  RF interconnect products
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PL375-7 Datasheet(HTML) 59 Page - List of Unclassifed Manufacturers

Back Button PL375-7 Datasheet HTML 55Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 56Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 57Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 58Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 59Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 60Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 61Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 62Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 63Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 141 page
background image
R
Trompeter Products Catalog - T21 Military/Aerospace
ISO 9001
Registered
(800) 982-2629
Fax: (818) 706-1040
www.trompeter.com
59
Standard Twinax/Triax
Looping Plugs
Handle: A=.625" B=1.20"
Impedance
Twinax
Plain
78Ω
LPTW-78
Test Point Monitor
78Ω
LPTW2TP-78
TRB Monitor
78Ω
LPTWA-78
Plain
124Ω
LPTW-124
Test Point Monitor
124Ω
LPTW2TP-124
TRB Monitor
124Ω
LPTWA-124
Handle: A=1.00" B=1.57"
Impedance
Twinax
Plain
78Ω
LPLTW-78
Test Point Monitor
78Ω
LPLTW2TP-78
TRB Monitor
78Ω
LPLTWA-78
Plain
124Ω
LPLTW-124
Test Point Monitor
124Ω
LPLTW2TP-124
TRB Monitor
124Ω
LPLTWA-124
Handle: A=.625" B=1.20"
Impedance
Triax
Plain
50Ω
LPTR-50
TRB monitor
50Ω
LPTRA-50
Plain
75Ω
LPTR-75
TRB Monitor
75Ω
LPTRA-75
Handle: A=1.00" B=1.57"
Impedance
Triax
Plain
50Ω
LPLTR-50
TRB monitor
50Ω
LPLTRA-50
Plain
75Ω
LPLTR-75
TRB Monitor
75Ω
LPLTRA-75
Twinax/triax standard & subminiature looping plugs
Subminiature Looping Plugs
Handle
Impedance
Twinax
Blue
78Ω
LPTWM-78
Blue TRS Jacks
78Ω
LPTWMA-78
Blue Test Point
78Ω
LPTWM2TP-78
Blue
124Ω
LPTWM-124
Blue TRS Jacks
124Ω
LPTWMA-124
Blue Test Point
124Ω
LPTWM2TP-124
Handle
Impedance
Triax
Yellow
50Ω
LPTRM-50
Yellow
75Ω
LPTRM-75
TRS/TRB Monitor
Plain Handle
Test Point Monitor
Looping Plug Handle examples:
2.83
A
B
.29
Z = IMPEDANCE
2.584
.500
.950
.584
LPTWM-Z SHOWN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com