Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL375-7 Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # PL375-7
Description  RF interconnect products
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PL375-7 Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button PL375-7 Datasheet HTML 20Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 21Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 22Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 23Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 24Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 25Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 26Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 27Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 141 page
background image
R
Trompeter Products Catalog - T21 Military/Aerospace
ISO 9001
Registered
(800) 982-2629
Fax: (818) 706-1040
www.trompeter.com
24
BNC Coupling Adapter
50Ω
AD28
(Barrel connector)
75Ω
UAD28
Cable Plug
75Ω
UPLR220-
90º Right Angle, Full Crimp
Miniature coax 20/220 series, bnc plugs & jacks
Cable Plug
50Ω
PL20-
Wrench Crimp
75Ω
UPL20-
Cable Jack
50Ω
CJ20-
Wrench Crimp
75Ω
UCJ20-
Cable Plug
75Ω
UPLFF220-
45º Angle, Full Crimp
PL20-1 Shown
1 - Refers to Cable Group Table, see pages 91-133. "D" mounting holes are on page 54
1
1
1
1
1
1
BNC "T" Adapter
50Ω
BN23
75Ω
UBN23
BN23 Shown
Cable Plug
50Ω
PL220-
Tool Crimp
75Ω
UPL220-
UPL220 Shown
1
1
Bulkhead Plug
Front Mount, Solder Pot
50Ω
PL21
75Ω
UPL21
w/ Solder Lug
50Ω
PL21SL
75Ω
UPL21SL
Mounting Hole: C2.085
PL21-1 Shown
BNC Adapter
Right Angle
75Ω BNC
UADRMF220
Cable Jack
50Ω
CJ220-
Tool Crimp
75Ω
UCJ220-
CJ220-001 Shown
1
1
Bulkhead
Cable Jack
Rear Mount, Tool Crimp
50Ω
BJ220-
Mounting Hole: D3.100
75Ω
UBJ220-
1
1
.437 WRENCH FLATS
.931
.096
.606 DIA MAX
.437 HEX NUT
;;;
;;;
;;;
;;;
;;;
;;;
;;;
.500 FLATS
.997
.096
.600 DIA MAX
.437 HEX
1.208
.708
.593 DIA
MAX
.380
DIA
.642
.420
.078
.687 HEX NUT
CRIMP
SLEEVE
.4375-28UNEF-2A
1.020
1.220
.987
1.100
1.080
.890
1.300
1.280
;;;;
;;;;
;;;;
;;;;
;;;;
;;;;
.380
.375-32UNEF-2A
.437 WRENCH FLAT
1.089
.250
.400
.500 HEX
ACCEPTS
.064 DIA
CONDUCTOR
.632
.593 DIA MAX
1.132
CRIMP SLEEVE
;;;
;;;
;;;
;;;
;;;
;;;
;;;
;;;
CONTACT PIN
1.100
.593
MAX
.444 DIA
1.100
;;;
;;;
;;;
;;;
;;;
;;;
;;;
;;;
1.600
CRIMP SLEEVE
CONTACT PIN
.593
MAX
.444 DIA
1.325
MAX
.848
.808
45°
1.900 MAX
;;;;
;;;;
;;;;
;;;;
;;;;
;;;;
;;;;
;;;;
CONTACT PIN
CRIMP SLEEVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com