Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL375-7 Datasheet(PDF) 76 Page - List of Unclassifed Manufacturers

Part # PL375-7
Description  RF interconnect products
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PL375-7 Datasheet(HTML) 76 Page - List of Unclassifed Manufacturers

Back Button PL375-7 Datasheet HTML 72Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 73Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 74Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 75Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 76Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 77Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 78Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 79Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 80Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 141 page
background image
R
Trompeter Products Catalog - T21 Military/Aerospace
ISO 9001
Registered
(800) 982-2629
Fax: (818) 706-1040
www.trompeter.com
76
BNC Bulk Packaging
Bulk packaging for UPL220 Series BNC plugs ... Trompeter
offers Tool Crimp BNC's bulk packed in convenient vacuum-
formed plastic trays. Bulk packaging is perfect for OEM and
high-volume, on-site installations.
Includes:
(50) Body Assemblies
(51) Crimp Sleeves
(52) Center Contact Pins
Assembly Instructions
Example: UPL220-026/T50
BNC part number
Vacuum Tray part number
For cable groups see pages 91-133
(Not available for cable groups -017)
Tool Kits
BNC Coax Assembly Training Video
Trompeter has produced a video which outlines the major
features of our BNC design, describes the tools for reliable
installation, and gives step-by-step assembly instructions.
The BNC Assembly Video is available in VHS format or
CD at no cost to Trompeter Customers.
▲
For additional information or for a free demonstration,
contact your local Sales Representative located on the
inside back cover of this catalog or you can log on to our
web site at http://www.trompeter.com and locate the rep
nearest you.
Tools & accessories
Connector Removal Tools
BNC Cable plug
Type
Length
RT1XL
straight
22.00"
RT1L
straight
12.00"
RTR-1L
right angle
12.00"
RTR-1XL
right angle
22.00"
RT1S
straight
6.00"
RT1SS
straight
3.75"
RTC-1L (insulated)
straight
12.00"
TPS, TCM, TRS, TTM
RT4L
straight
12.00"
RT4S
straight
6.00"
RTC-4L (insulated)
straight
12.00"
TRC, TRN
RT5XL
straight
23.25"
RT5L
straight
13.25"
RT5S
straight
7.25"
LENGTH
Pin
Crimp Tool
Crimp Tool
BNC/Mini-WECo
Center
Tool Kit
Height
8-Point
12-Point
Electrical
Crimp
Contact
Part Number
Indicator
Indentor
Indentor
Guage
Die
Guage
TK4NL-1
UPLCG-1
010-0097
Not Included
Not Included
CD3-19
Not Included
TK4NL-1A
UPLCG-1
010-0097
Not Included
Not Included
CD3-19
Not Included
TK4NL-2
UPLCG-1
Not Included
010-0098
Not Included
CD3-19
Not Included
TK4NL-3
UPLCG-1
010-0097
010-0098
Not Included
CD3-19
Not Included
TK4NL-4
Not Included
010-0097
Not Included
010-0108
CD3-19
Not Included
TK4NL-5
Not Included
Not Included
010-0080
010-0108
CD3-19
010-0101
All Tool Kits Includes: Case, BWS Cable Stripper with BWS Cutter heads
(one C26T3D and one C26T3I), Cable Cutter (part number 700-0024), and
Ergonomic Crimp Tool w/long handle CT4L with Crimp Die CD3-19 embosses
the die cavity size on the crimp sleeve either .178 or .255.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com