Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRT2S-C Datasheet(PDF) 3 Page - PANDUIT CORP.

Part # PRT2S-C
Description  Cable Ties/Wiring Accessories Catalog—WW-CTCB03
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PRT2S-C Datasheet(HTML) 3 Page - PANDUIT CORP.

  PRT2S-C Datasheet HTML 1Page - PANDUIT CORP. PRT2S-C Datasheet HTML 2Page - PANDUIT CORP. PRT2S-C Datasheet HTML 3Page - PANDUIT CORP. PRT2S-C Datasheet HTML 4Page - PANDUIT CORP. PRT2S-C Datasheet HTML 5Page - PANDUIT CORP. PRT2S-C Datasheet HTML 6Page - PANDUIT CORP. PRT2S-C Datasheet HTML 7Page - PANDUIT CORP. PRT2S-C Datasheet HTML 8Page - PANDUIT CORP. PRT2S-C Datasheet HTML 9Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 192 page
background image
3
Most commonly used parts appear in BOLD.
Selection Guide
PAN-TY ® Cable Ties
This line offers the largest selection of styles,
materials, and sizes. The ties are available in
nylon 6.6, nylon 12, polypropylene, HALAR*
and TEFZEL** material. Available in sizes from
.60" (15mm) maximum bundle diameter up to
13" (330mm) maximum bundle diameter.
All are self-locking and many sizes are
available in both releasable and non-releasable
types. PAN-TY ® Cable Ties are quickly installed
by hand or with PANDUIT ® installation tools.
These cable ties provide consistent performance
and reliability for those users who prefer a cable tie
with a stainless steel locking barb. They are infinitely
adjustable through their entire bundle range. On
selected popular sizes, the additional length of
DOME-TOP ® Barb Ty Cable Ties provides an
average of 30% more bundle area than other metal
barb cable ties. Available in sizes from .90" (23mm)
maximum bundle diameter up to 9.0" (229mm)
maximum bundle diameter and may be installed by
hand or with PANDUIT ® installationtools.
*HALAR is a registered trademark of Solvay Solexis, Inc.
** TEFZEL is a registered trademark of E.I. DuPont de Nemours Co.
Styles of Cable Ties
Parallel Entry Cable Ties
Parallel Entry Ties are comprised of the
CONTOUR-TY ®, BELT-TY ™ and IN-LINE Cable Tie
families. CONTOUR-TY ® Cable Tie’s fully enclosed
locking wedge insures consistent strength, lasting
performance and it is available in a new heavy-
standard cross section. BELT-TY ™ Cable Ties have
low profile heads which help avoid snags and
reduce overall bundle size. IN-LINE Cable Ties are
exceptional for applications that require conformity
to large bundles. Unique IN-LINE design forms
completely around the bundle, increasing the
contact area. Serrations on the side of the head
assure positive grip during threading of the tie and
increases installation speed.
DOME-TOP ® Barb Ty Cable Ties
DURA-TY ™ is a heavy-duty cable tie that is
ideal for all outdoor applications requiring
high strength and longer life. The acetal
strap and head provides excellent UV
light resistance and high tensile strength.
The smooth, rounded edges on the head
and body do not irritate the hands. The
ties are easy to install. Available in
standard lengths or dispenser rolls for
easy, cut to length convenience in custom
applications.
DURA-TY
™ Cable Ties



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com