Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRT2S-C Datasheet(PDF) 21 Page - PANDUIT CORP.

Part # PRT2S-C
Description  Cable Ties/Wiring Accessories Catalog—WW-CTCB03
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PRT2S-C Datasheet(HTML) 21 Page - PANDUIT CORP.

Back Button PRT2S-C Datasheet HTML 17Page - PANDUIT CORP. PRT2S-C Datasheet HTML 18Page - PANDUIT CORP. PRT2S-C Datasheet HTML 19Page - PANDUIT CORP. PRT2S-C Datasheet HTML 20Page - PANDUIT CORP. PRT2S-C Datasheet HTML 21Page - PANDUIT CORP. PRT2S-C Datasheet HTML 22Page - PANDUIT CORP. PRT2S-C Datasheet HTML 23Page - PANDUIT CORP. PRT2S-C Datasheet HTML 24Page - PANDUIT CORP. PRT2S-C Datasheet HTML 25Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 192 page
background image
21
Most commonly used parts appear in BOLD.
• For high moisture, corrosive environments and
low temperatures
• For indoor use or weather resistant applications
Part Number
Length
A
in. (mm)
Width
B
in. (mm)
Thickness
C
in. (mm)
Head
Height
D
in. (mm)
Head
Width
E
in. (mm)
Max.
Bundle
Dia.
in. (mm)
Min. Loop
Tensile
Strength
Lbs. (N)
Recommended
PANDUIT ®
Installation Tool
Part No.
Packaging*
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
Bulk
Pkg.
Qty.
Bulk
Ctn.
Qty.
INTERMEDIATE CROSS SECTION
PLT1.5I-M120‡
5.6
(142)
.142
(3.6)
.045
(1.1)
.180
(4.6)
.240
(6.1)
1.38
(35)
25
(111)
GTS, GS2B,
PTS, PPTS or
STS2
—
—
1000
25000
STANDARD CROSS SECTION
PLT2S-M120‡
7.4
(188)
.190
(4.8)
.052
(1.3)
.220
(5.6)
.316
(8.0)
1.88
(48)
40
(178)
GTS, GS2B,
GTH, GS4H,
PTS, PPTS,
STS2 or STH2
—
—
1000
10000
PLT4S-M120‡
14.5
(368)
.337
(8.6)
4.00
(102)
—
—
1000
5000
LIGHT-HEAVY CROSS SECTION
PLT8LH-C120‡
27.6
(701)
.300
(7.6)
.075
(1.9)
.290
(7.4)
.480
(12.2)
8.00
(203)
90
(400)
GTH, GS4H,
GS4EH,
PPTEH or
STH2
—
—
100
2000
HEAVY CROSS SECTION
PLT4H-TL120‡
14.5
(368)
.300
(7.6)
.075
(1.9)
.290
(7.4)
.480
(12.2)
4.00
(102)
90
(400)
GTH, GS4H,
GS4EH,
PPTEH or
STH2
—
—
250
2500
CURVED TIP
E
D
A REF.
B
C
Weather Resistant Nylon 12 Cable Ties
*Order the number of pieces required in multiples of packaging quantities.
All part numbers shown in standard package quantities unless denoted by ‡.
PAN-TY
® Weather Resistant
Nylon 12 Cable Ties



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com