Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRT2S-C Datasheet(PDF) 4 Page - PANDUIT CORP.

Part # PRT2S-C
Description  Cable Ties/Wiring Accessories Catalog—WW-CTCB03
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PRT2S-C Datasheet(HTML) 4 Page - PANDUIT CORP.

  PRT2S-C Datasheet HTML 1Page - PANDUIT CORP. PRT2S-C Datasheet HTML 2Page - PANDUIT CORP. PRT2S-C Datasheet HTML 3Page - PANDUIT CORP. PRT2S-C Datasheet HTML 4Page - PANDUIT CORP. PRT2S-C Datasheet HTML 5Page - PANDUIT CORP. PRT2S-C Datasheet HTML 6Page - PANDUIT CORP. PRT2S-C Datasheet HTML 7Page - PANDUIT CORP. PRT2S-C Datasheet HTML 8Page - PANDUIT CORP. PRT2S-C Datasheet HTML 9Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 192 page
background image
4
Most commonly used parts appear in BOLD.
Styles of Cable Ties
Specialty Ties
PANDUIT ® continually develops new
products to help solve the unique
application problems of our customers.
One of these products is the polyethylene
cable marker strap that is used for
identifying telephone and fiber optic cable,
which typifies the design/manufacturing
capability of PANDUIT ® to respond to
these special needs.
Stainless Steel Ties and Strapping
Underground, underwater, indoors,
outdoors — however hostile the
environment — PANDUIT ® Stainless Steel
Ties and Strapping fasten and identify
components and cables quickly and easily.
Stainless steel ties stand up to most
chemicals, to nuclear and ultraviolet
radiation, to seawater and direct burial in
any soil, and to temperature extremes from
-112°F to 1700°F (-80°C to 925°C).
TAK-TY ® Hook & Loop Cable Ties
PANDUIT ® TAK-TY ® Hook & Loop CableTies
are ideal for applications that require
frequent cabling moves, adds and changes.
They can be used to secure a wide variety
of various sizes of cable bundles. Wide color
choice allows for quick and easy color
coding of separate cable bundles.
Selection Guide (cont.)
STA-STRAP ® Cable Ties
STA-STRAP ® Cable Ties offer several unique
features. Harness modifications during
assembly are made easy as the two-piece
design affords releasability prior to final
tensioning and cut-off. The ties are extremely
flexible and lightweight. They also provide
the lowest thread force in the industry which
reduces operator fatigue. The unique design
allows this cable tie to secure a bundle
directly to a panel without the need for
additional fasteners or mounting devices and
reduces installation costs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com