| Electronic Components Datasheet Search |
|
PRT2S-C Datasheet(PDF) 8 Page - PANDUIT CORP. |
|
|
|||||||||||||||||||||||||||||
PRT2S-C Datasheet(HTML) 8 Page - PANDUIT CORP. |
|
8 / 192 page ![]() 8 Most commonly used parts appear in BOLD. Part Number Length A in. (mm) Width B in. (mm) Thickness C in. (mm) Head Height D in. (mm) Head Width E in. (mm) Max. Bundle Dia. in. (mm) Min. Loop Tensile Strength Lbs. (N) Recommended PANDUIT ® Installation Tool Part No. Packaging* Std. Pkg. Qty. Std. Ctn. Qty. Bulk Pkg. Qty. Bulk Ctn. Qty. STANDARD CROSS SECTION PRT1S-C 4.8 (122) .190 (4.8) .052 (1.3) .219 (5.6) .316 (8.0) 1.00 (25) 50 (222) Hand Installed Only 100 1000 1000 10000 PRT1.5S-C 6.3 (160) 1.50 (38) 100 1000 1000 10000 PRT2S-C 7.4 (188) 1.88 (48) 100 1000 1000 10000 PRT3S-C 11.5 (292) .337 (8.6) 3.00 (76) 100 1000 1000 10000 PRT4S-C 14.5 (368) 4.00 (102) 100 1000 1000 5000 HEAVY CROSS SECTION PRT2H-L 8.4 (213) .300 (7.6) .075 (1.9) .300 (7.6) .480 (12.2) 2.00 (51) 80 (356) Hand Installed Only 50 500 250 2500 PRT3H-L 11.4 (290) 3.00 (76) 50 500 250 2500 PRT4H-L 14.5 (368) 4.00 (102) 50 500 250 2500 PAN-TY ® Releasable Lashing Ties — Nylon 6.6 Part Number Length A in. (mm) Width B in. (mm) Thickness C in. (mm) Head Height D in. (mm) Head Width E in. (mm) Max. Bundle Dia. in. (mm) Min. Loop Tensile Strength Lbs. (N) Recommended PANDUIT ® Installation Tool Part No. Packaging* Std. Pkg. Qty. Std. Ctn. Qty. Bulk Pkg. Qty. Bulk Ctn. Qty. EXTRA-HEAVY CROSS SECTION PRT2EH-C‡ 9.0 (229) .500 (12.7) .075 (1.9) .40 (10.2) .80 (20.3) 2.00 (51) 250 (1112) Hand Installed Only — — 100 1000 PRT5EH-Q 20.1 (510) 5.00 (127) 25 250 100 1000 PRT6EH-Q 22.2 (564) 6.00 (152) 25 250 100 1000 PRT8EH-C‡ 28.3 (719) .085 (2.2) 8.00 (203) — — 100 1000 PRT10EH-C‡ 34.2 (869) 10.00 (254) — — 100 500 PRT12EH-C‡ 40.1 (1019) 12.00 (305) — — 100 500 PAN-TY ® Releasable Nylon 6.6 Cable Ties The extended tab end of releasable cable ties permits easy release and re-use even after the tie has been pulled up snug by hand. Releasable ties are particularly useful in applications where changes are anticipated during development, production or servicing in the field. Nylon 6.6 Releasable Cable Ties (PRT Series) B E A REF. PANDUIT C D To release, grasp the head of the cable tie, deflect release tab and pull the cable tie away from the bundle. E D B A REF. C Head design for Standard Cross Section Ties Head design for Heavy Cross Section Ties STRAIGHT TIP CURVED TIP Except Heavy Ties *Order the number of pieces required in multiples of package quantities. For colors and other materials, see pages 24-26. All part numbers shown in standard package quantities unless denoted by ‡. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |