Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRT2S-C Datasheet(PDF) 97 Page - PANDUIT CORP.

Part # PRT2S-C
Description  Cable Ties/Wiring Accessories Catalog—WW-CTCB03
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PRT2S-C Datasheet(HTML) 97 Page - PANDUIT CORP.

Back Button PRT2S-C Datasheet HTML 93Page - PANDUIT CORP. PRT2S-C Datasheet HTML 94Page - PANDUIT CORP. PRT2S-C Datasheet HTML 95Page - PANDUIT CORP. PRT2S-C Datasheet HTML 96Page - PANDUIT CORP. PRT2S-C Datasheet HTML 97Page - PANDUIT CORP. PRT2S-C Datasheet HTML 98Page - PANDUIT CORP. PRT2S-C Datasheet HTML 99Page - PANDUIT CORP. PRT2S-C Datasheet HTML 100Page - PANDUIT CORP. PRT2S-C Datasheet HTML 101Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 192 page
background image
97
Most commonly used parts appear in BOLD.
*Order the number of mounts required in multiples of packaging quantities.
‡Part Numbers listed are for Standard Materials in Standard Package Quantity.
For Bulk package part numbers, see page 137-138.
**Cable Tie Cross Section Sizes: M = Miniature, I = Intermediate and S = Standard.
Cable Tie Mounts
The mount clips on sheet metal edges for fast mounting of
harnesses with cable ties. Ties may be inserted from any of the four
sides for easy harness orientation.
Part Number
Used
With
Cable
Ties**
Dimensions
in. (mm)
Max.
Panel
Thickness
Material
Mounting
Method
Packaging*
AB
C
Where
Used
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
Bulk
Pkg.
Qty.
Bulk
Ctn.
Qty.
MCMS12-P-C
M, I, S
.88
(22.4)
.56
(14.2)
.31
(8.0)
.13
(3.2)
Zinc Plated
Steel
Indoors or
Outdoors
Clip-On
—
—
100
500
MCMS25-P-C
.46
(11.5)
.24
(6.1)
—
—
100
500
MCMS30-P-C
.55
(14.0)
.27
(6.9)
—
—
100
500
Metal Mount
Screw applied aluminum mounting base for a secure support in
demanding applications.
• NOTE: Mount can
also be installed
with a user
supplied adhesive
Part Number‡
Used
With
Cable
Ties**
Dimensions
in. (mm)
Material
Where
Used
Mounting
Method
Max. Static
Load
lbs. (g)
Packaging*
AB
C
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
Bulk
Pkg.
Qty.
Bulk
Ctn.
Qty.
MBMS-S10-C
M, I, S
1.00
(25.4)
.50
(12.7)
.14
(3.6)
Aluminum
(Chromate
Coated) MIL
C. 5541 D
Class 3
Coating
Indoors
or Outdoors
#10 (M5)
Screw
10 (4540)
100
1000
1000
10000
B
A
C
Metal Clip-On Mounts
B
A
.200" Dia.
(For #10
Screw)
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com