Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5142ABCPZ100-RL7 Datasheet(PDF) 24 Page - Analog Devices

Part # AD5142ABCPZ100-RL7
Description  Dual Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5142ABCPZ100-RL7 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD5142ABCPZ100-RL7 Datasheet HTML 20Page - Analog Devices AD5142ABCPZ100-RL7 Datasheet HTML 21Page - Analog Devices AD5142ABCPZ100-RL7 Datasheet HTML 22Page - Analog Devices AD5142ABCPZ100-RL7 Datasheet HTML 23Page - Analog Devices AD5142ABCPZ100-RL7 Datasheet HTML 24Page - Analog Devices AD5142ABCPZ100-RL7 Datasheet HTML 25Page - Analog Devices AD5142ABCPZ100-RL7 Datasheet HTML 26Page - Analog Devices AD5142ABCPZ100-RL7 Datasheet HTML 27Page - Analog Devices AD5142ABCPZ100-RL7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
Data Sheet
AD5122A/AD5142A
THEORY OF OPERATION
analog.com
Rev. D | 24 of 29
Input Register
The AD5122A/AD5142A include one input register per RDAC regis-
ter. These registers allow preloading of the value for the associated
RDAC register. These registers can be written to using Command 2
and read back from using Command 3 (see Table 13).
This feature allows a synchronous update of one or both RDAC
registers at the same time.
The transfer from the input register to the RDAC register is done
synchronously by Command 8 (see Table 13).
If new data is loaded in an RDAC register, this RDAC register
automatically overwrites the associated input register.
Linear Gain Setting Mode
The proprietary architecture of the AD5122A/AD5142A allows the
independent control of each string resistor, RAW, and RWB. To
enable linear gain setting mode, use Command 16 (see Table 13)
to set Bit D2 of the control register (see Table 15).
This mode of operation can control the potentiometer as two inde-
pendent rheostats connected at a single point, W terminal, as
opposed to potentiometer mode where each resistor is complemen-
tary, RAW = RAB − RWB.
This mode enables a second input and an RDAC register per
channel, as shown in Table 13; however, the actual RDAC contents
remain unchanged. The same operations are valid for potentiome-
ter and linear gain setting mode.
If the INDEP pin is pulled high, the device powers up in linear gain
setting mode and loads the values stored in the associated memory
locations for each channel (see Table 14). The INDEP pin and the
D2 bit are connected internally to a logic OR gate; if one or both are
set to 1, the parts cannot operate in potentiometer mode.
Low Wiper Resistance Feature
The AD5122A/AD5142A include two commands to reduce the wip-
er resistance between the terminals when the device achieves full
scale or zero scale. These extra positions are called bottom scale,
BS, and top scale, TS. The resistance between Terminal A and
Terminal W at top scale is specified as RTS. Similarly, the bottom
scale resistance between Terminal B and Terminal W is specified as
RBS.
The contents of the RDAC registers are unchanged by entering in
these positions. There are three ways to exit from top scale and
bottom scale: by using Command 12 or Command 13 (see Table
13); by loading new data in an RDAC register, which includes
increment/decrement operations; or by entering shutdown mode,
Command 15 (see Table 13).
Table 16 and Table 17 show the truth tables for the top scale posi-
tion and the bottom scale position, respectively, when potentiometer
or linear gain setting mode is enabled.
Table 16. Top Scale Truth Table
Linear Gain Setting Mode
Potentiometer Mode
RAW
RWB
RAW
RWB
RAB
RAB
RTS
RAB
Table 17. Bottom Scale Truth Table
Linear Gain Setting Mode
Potentiometer Mode
RAW
RWB
RAW
RWB
RTS
RBS
RAB
RBS
Linear Increment and Decrement Instructions
The increment and decrement commands (Command 4 and Com-
mand 5 in Table 13) are useful for linear step adjustment applica-
tions. These commands simplify microcontroller software coding
by allowing the controller to send an increment or decrement
command to the device. The adjustment can be individual or in a
ganged potentiometer arrangement, where all wiper positions are
changed at the same time.
For an increment command, executing Command 4 automatically
moves the wiper to the next RDAC position. This command can be
executed in a single channel or in multiple channels.
±6 dB Increment and Decrement Instructions
Two programming instructions produce logarithmic taper increment
or decrement of the wiper position control by an individual poten-
tiometer or by a ganged potentiometer arrangement where all
RDAC register positions are changed simultaneously. The +6 dB
increment is activated by Command 6, and the −6 dB decrement
is activated by Command 7 (see Table 13). For example, starting
with the zero-scale position and executing Command 6 ten times
moves the wiper in 6 dB steps to the full-scale position. When the
wiper position is near the maximum setting, the last 6 dB increment
instruction causes the wiper to go to the full-scale position (see
Table 18).
Incrementing the wiper position by +6 dB essentially doubles the
RDAC register value, whereas decrementing the wiper position by
−6 dB halves the register value. Internally, the AD5122A/AD5142A
use shift registers to shift the bits left and right to achieve a ±6
dB increment or decrement. These functions are useful for various
audio/video level adjustments, especially for white LED brightness
settings in which human visual responses are more sensitive to
large adjustments than to small adjustments.
Table 18. Detailed Left Shift and Right Shift Functions for the ±6 dB Step
Increment and Decrement
Left Shift (+6 dB/Step)
Right Shift (−6 dB/Step)
0000 0000
1111 1111
0000 0001
0111 1111
0000 0010
0011 1111
0000 0100
0001 1111
0000 1000
0000 1111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com