Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5142ABCPZ100-RL7 Datasheet(PDF) 14 Page - Analog Devices

Part # AD5142ABCPZ100-RL7
Description  Dual Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5142ABCPZ100-RL7 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5142ABCPZ100-RL7 Datasheet HTML 10Page - Analog Devices AD5142ABCPZ100-RL7 Datasheet HTML 11Page - Analog Devices AD5142ABCPZ100-RL7 Datasheet HTML 12Page - Analog Devices AD5142ABCPZ100-RL7 Datasheet HTML 13Page - Analog Devices AD5142ABCPZ100-RL7 Datasheet HTML 14Page - Analog Devices AD5142ABCPZ100-RL7 Datasheet HTML 15Page - Analog Devices AD5142ABCPZ100-RL7 Datasheet HTML 16Page - Analog Devices AD5142ABCPZ100-RL7 Datasheet HTML 17Page - Analog Devices AD5142ABCPZ100-RL7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
Data Sheet
AD5122A/AD5142A
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. D | 14 of 29
Figure 18. ILOGIC Current vs. Digital Input Voltage
Figure 19. 10 kΩ Gain vs. Frequency and Code
Figure 20. Total Harmonic Distortion Plus Noise (THD + N) vs. Frequency
Figure 21. Normalized Phase Flatness vs. Frequency, RAB = 10 kΩ
Figure 22. 100 kΩ Gain vs. Frequency and Code
Figure 23. Total Harmonic Distortion Plus Noise (THD + N) vs. Amplitude



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com