Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5142ABCPZ100-RL7 Datasheet(PDF) 28 Page - Analog Devices

Part # AD5142ABCPZ100-RL7
Description  Dual Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5142ABCPZ100-RL7 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD5142ABCPZ100-RL7 Datasheet HTML 21Page - Analog Devices AD5142ABCPZ100-RL7 Datasheet HTML 22Page - Analog Devices AD5142ABCPZ100-RL7 Datasheet HTML 23Page - Analog Devices AD5142ABCPZ100-RL7 Datasheet HTML 24Page - Analog Devices AD5142ABCPZ100-RL7 Datasheet HTML 25Page - Analog Devices AD5142ABCPZ100-RL7 Datasheet HTML 26Page - Analog Devices AD5142ABCPZ100-RL7 Datasheet HTML 27Page - Analog Devices AD5142ABCPZ100-RL7 Datasheet HTML 28Page - Analog Devices AD5142ABCPZ100-RL7 Datasheet HTML 29Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
Data Sheet
AD5122A/AD5142A
OUTLINE DIMENSIONS
analog.com
Rev. D | 28 of 29
Package Drawing (Option)
Package Type
Package Description
CP-16-22
LFCSP
16-Lead Lead Frame Chip Scale Package
RU-16
TSSOP
16-Lead Thin Shrink Small Outline Package
For the latest package outline information and land patterns (footprints), go to Package Index.
Updated: March 08, 2022
ORDERING GUIDE
Model1, 2
Temperature Range
Package Description
Packing Quantity
Package
Option
Marking Code
AD5122ABCPZ100-RL7
-40°C to +125°C
16-Lead LFCSP (3mm x 3mm w/ EP)
Reel, 1500
CP-16-22
DHG
AD5122ABCPZ10-RL7
-40°C to +125°C
16-Lead LFCSP (3mm x 3mm w/ EP)
Reel, 1500
CP-16-22
DHA
AD5122ABRUZ10
-40°C to +125°C
16-Lead TSSOP
Tube, 96
RU-16
AD5122ABRUZ100
-40°C to +125°C
16-Lead TSSOP
Tube, 96
RU-16
AD5122ABRUZ100-RL7
-40°C to +125°C
16-Lead TSSOP
Reel, 1000
RU-16
AD5122ABRUZ10-RL7
-40°C to +125°C
16-Lead TSSOP
Reel, 1000
RU-16
AD5122AWBCPZ10-RL7
-40°C to +125°C
16-Lead LFCSP (3mm x 3mm w/ EP)
Reel, 1500
CP-16-22
DN1
AD5142ABCPZ100-RL7
-40°C to +125°C
16-Lead LFCSP (3mm x 3mm w/ EP)
Reel, 1500
CP-16-22
DH4
AD5142ABCPZ10-RL7
-40°C to +125°C
16-Lead LFCSP (3mm x 3mm w/ EP)
Reel, 1500
CP-16-22
DH7
AD5142ABRUZ10
-40°C to +125°C
16-Lead TSSOP
Tube, 96
RU-16
AD5142ABRUZ100
-40°C to +125°C
16-Lead TSSOP
Tube, 96
RU-16
AD5142ABRUZ100-RL7
-40°C to +125°C
16-Lead TSSOP
Reel, 1000
RU-16
AD5142ABRUZ10-RL7
-40°C to +125°C
16-Lead TSSOP
Reel, 1000
RU-16
AD5142AWBCPZ10-RL7
-40°C to +125°C
16-Lead LFCSP (3mm x 3mm w/ EP)
Reel, 1500
CP-16-22
DMZ
1 Z = RoHS Compliant Part.
2 W = Qualified for Automotive Applications.
RAB (KΩ), RESOLUTION, AND INTERFACE OPTIONS
Model1, 2
RAB (kΩ)
Resolution
Interface
AD5122ABCPZ10-RL7
10
128
I2C
AD5122ABCPZ100-RL7
100
128
I2C
AD5122AWBCPZ10-RL7
10
128
I2C
AD5122ABRUZ10
10
128
I2C
AD5122ABRUZ100
100
128
I2C
AD5122ABRUZ10-RL7
10
128
I2C
AD5122ABRUZ100-RL7
100
128
I2C
AD5142ABCPZ10-RL7
10
256
I2C
AD5142ABCPZ100-RL7
100
256
I2C
AD5142AWBCPZ10-RL7
10
256
I2C
AD5142ABRUZ10
10
256
I2C
AD5142ABRUZ100
100
256
I2C
AD5142ABRUZ10-RL7
10
256
I2C
AD5142ABRUZ100-RL7
100
256
I2C
1 Z = RoHS Compliant Part.
2 W = Qualified for Automotive Applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com