Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5142ABCPZ10-RL7 Datasheet(PDF) 25 Page - Analog Devices

Part # AD5142ABCPZ10-RL7
Description  Dual Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5142ABCPZ10-RL7 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD5142ABCPZ10-RL7 Datasheet HTML 21Page - Analog Devices AD5142ABCPZ10-RL7 Datasheet HTML 22Page - Analog Devices AD5142ABCPZ10-RL7 Datasheet HTML 23Page - Analog Devices AD5142ABCPZ10-RL7 Datasheet HTML 24Page - Analog Devices AD5142ABCPZ10-RL7 Datasheet HTML 25Page - Analog Devices AD5142ABCPZ10-RL7 Datasheet HTML 26Page - Analog Devices AD5142ABCPZ10-RL7 Datasheet HTML 27Page - Analog Devices AD5142ABCPZ10-RL7 Datasheet HTML 28Page - Analog Devices AD5142ABCPZ10-RL7 Datasheet HTML 29Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
Data Sheet
AD5122A/AD5142A
THEORY OF OPERATION
analog.com
Rev. D | 25 of 29
Table 18. Detailed Left Shift and Right Shift Functions for the ±6 dB Step
Increment and Decrement (Continued)
Left Shift (+6 dB/Step)
Right Shift (−6 dB/Step)
0001 0000
0000 0111
0010 0000
0000 0011
0100 0000
0000 0001
1000 0000
0000 0000
1111 1111
0000 0000
Burst Mode
By enabling the burst mode, multiple data bytes can be sent to the
part consecutively. After the command byte, the part interprets the
following consecutive bytes as data bytes for the command.
A new command can be sent by generating a repeat start or by a
stop and start condition.
The burst mode is activated by setting Bit D3 of the control register
(see Table 15).
Reset
The AD5122A/AD5142A can be reset through software by execut-
ing Command 14 (see Table 13) or through hardware on the low
pulse of the RESET pin. The reset command loads the RDAC reg-
isters with the contents of the EEPROM and takes approximately
30 µs. The EEPROM is preloaded to midscale at the factory, and
initial power-up is, accordingly, at midscale. Tie RESET to VLOGIC if
the RESET pin is not used.
Shutdown Mode
The AD5122A/AD5142A can be placed in shutdown mode by exe-
cuting the software shutdown command, Command 15 (see Table
13), and setting the LSB (D0) to 1. This feature places the RDAC
in a zero power consumption state where the device operates in
potentiometer mode, Terminal A is open-circuited and the wiper,
Terminal W, is connected to Terminal B; however, a finite wiper
resistance of 40 Ω is present. When the device is configured in
linear gain setting mode, the resistor addressed, RAW or RWB,
is internally placed at high impedance. Table 19 shows the truth
table depending on the device operating mode. The contents of
the RDAC register are unchanged by entering shutdown mode.
However, all commands listed in Table 13 are supported while in
shutdown mode. Execute Command 15 (see Table 13) and set the
LSB (D0) to 0 to exit shutdown mode.
Table 19. Truth Table for Shutdown Mode
Linear Gain Setting Mode
Potentiometer Mode
RAW
RWB
RAW
RWB
High impedance
High impedance
High impedance
RBS
EEPROM OR RDAC REGISTER PROTECTION
The EEPROM and RDAC registers can be protected by disabling
any update to these registers. This can be done by using software.
If these registers are protected by software, set Bit D0 and/or Bit D1
(see Table 15), which protects the RDAC and EEPROM registers
independently.
When RDAC is protected, the only operation allowed is to copy the
EEPROM into the RDAC register.
INDEP PIN
If the INDEP pin is pulled high at power-up, the part operates in
linear gain setting mode, loading each string resistor, RAWX and
RWBX, with the value stored into the EEPROM (see Table 14). If the
pin is pulled low, the part powers up in potentiometer mode.
The INDEP pin and the D2 bit are connected internally to a logic
OR gate; if one or both are set to 1, the part cannot operate in
potentiometer mode (see Table 15).
RDAC ARCHITECTURE
To achieve optimum performance, Analog Devices, Inc., has propri-
etary RDAC segmentation architecture for all the digital potentiom-
eters. In particular, the AD5122A/AD5142A employ a three‑stage
segmentation approach, as shown in Figure 41. The AD5122A/
AD5142A wiper switch is designed with the transmission gate
CMOS topology and with the gate voltage derived from VDD and
VSS.
Figure 41. AD5122A/AD5142A Simplified RDAC Circuit
Top Scale/Bottom Scale Architecture
In addition, the AD5122A/AD5142A include new positions to re-
duce the resistance between terminals. These positions are called
bottom scale and top scale. At bottom scale, the typical wiper
resistance decreases from 130 Ω to 60 Ω (RAB = 100 kΩ). At
top scale, the resistance between Terminal A and Terminal W is
decreased by 1 LSB, and the total resistance is reduced to 60 Ω
(RAB = 100 kΩ).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com