Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGPF30N40P-R Datasheet(PDF) 4 Page - TRinno Technology Co., Ltd.

Part # TGPF30N40P-R
Description  • 400V Trench Technology
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINNO [TRinno Technology Co., Ltd.]
Direct Link  http://www.trinnotech.com/eng/main/main.php
Logo TRINNO - TRinno Technology Co., Ltd.

TGPF30N40P-R Datasheet(HTML) 4 Page - TRinno Technology Co., Ltd.

  TGPF30N40P-R Datasheet HTML 1Page - TRinno Technology Co., Ltd. TGPF30N40P-R Datasheet HTML 2Page - TRinno Technology Co., Ltd. TGPF30N40P-R Datasheet HTML 3Page - TRinno Technology Co., Ltd. TGPF30N40P-R Datasheet HTML 4Page - TRinno Technology Co., Ltd. TGPF30N40P-R Datasheet HTML 5Page - TRinno Technology Co., Ltd. TGPF30N40P-R Datasheet HTML 6Page - TRinno Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
August. 2012 : Rev0
4/6
www.trinnotech.com
TGPF30N40P
Fig. 7 Turn on time vs. gate resistance
Fig. 8 Turn on time vs. collector current
Fig. 9 Turn on time vs. Case temperature
Fig. 10 Turn off time vs. gate resistance
Fig. 11 Turn off time vs. collector current
Fig. 12 Turn off time vs. Case temperature
0
20
40
60
80
100
1
10
100
1000
Common Emitter
V
cc
= 150V, V
GE
= 15V, I
C
= 30A
T
C
25
oC
T
C
125
oC
T
d(on)
Gate Resistance, R
G
[Ω]
T
r
0
20
40
60
80
100
10
100
1000
Common Emitter
V
cc
= 150V, V
GE
= 15V, I
C
= 30A
T
C
25
oC
T
C
125
oC
T
d(off)
Gate Resistance, R
G
[Ω]
T
f
10
20
30
40
50
60
70
80
90
1
10
100
1000
Collector Current, I
C
[A]
Common Emitter
V
cc
= 150V, V
GE
= 15V, R
G
= 5Ω
T
C
25
oC
T
C
125
oC
T
d(off)
T
f
40
60
80
100
120
1
10
100
Common Emitter
V
cc
= 150V, V
GE
= 15V,
R
G
= 5Ω, I
C
= 30A
T
d(on)
T
r
Case Temperature, T
C
[
oC]
40
60
80
100
120
10
100
Common Emitter
Vcc= 150V, VGE = 15V,
RG = 5Ω, IC = 30A
T
f
T
d(off)
Case Temperature, T
C
[
oC]
10
20
30
40
50
60
70
80
90
1
10
100
1000
Common Emitter
V
cc
= 150V, V
GE
= 15V, R
G
= 5Ω
T
C
25
oC
T
C
125
oC
T
d(on)
Collector Current, I
C
[A]
T
r



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com