Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGPF30N40P-R Datasheet(PDF) 2 Page - TRinno Technology Co., Ltd.

Part # TGPF30N40P-R
Description  • 400V Trench Technology
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINNO [TRinno Technology Co., Ltd.]
Direct Link  http://www.trinnotech.com/eng/main/main.php
Logo TRINNO - TRinno Technology Co., Ltd.

TGPF30N40P-R Datasheet(HTML) 2 Page - TRinno Technology Co., Ltd.

  TGPF30N40P-R Datasheet HTML 1Page - TRinno Technology Co., Ltd. TGPF30N40P-R Datasheet HTML 2Page - TRinno Technology Co., Ltd. TGPF30N40P-R Datasheet HTML 3Page - TRinno Technology Co., Ltd. TGPF30N40P-R Datasheet HTML 4Page - TRinno Technology Co., Ltd. TGPF30N40P-R Datasheet HTML 5Page - TRinno Technology Co., Ltd. TGPF30N40P-R Datasheet HTML 6Page - TRinno Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2/6
www.trinnotech.com
August. 2012 : Rev0
TGPF30N40P
Electrical Characteristics of the IGBT T
C=25℃, unless otherwise noted
Parameter
Symbol
Test condition
Min
Typ
Max
Units
OFF
Collector
– Emitter Breakdown Voltage
BVCES
V
GE = 0V, IC = 1mA
400
--
--
V
Zero Gate Voltage Collector Current
I
CES
V
CE = 400V, VGE = 0V
--
--
100
µA
Gate
– Emitter Leakage Current
I
GES
V
CE = 0V, VGE = ±30V
--
--
± 250
nA
ON
Gate
– Emitter Threshold Voltage
V
GE(TH)
V
GE = VCE, IC = 1mA
2
3.1
4.5
V
Collector
– Emitter Saturation Voltage
VCE(SAT)
V
GE = 15V, IC = 30A, TJ = 25
oC
--
1.4
2.0
V
V
GE = 15V, IC = 30A, TJ = 125
oC
--
1.52
--
V
DYNAMIC
Input Capacitance
C
IES
V
CE = 25V,
V
GE = 0V,
f = 1MHz
--
845
--
pF
Output Capacitance
C
OES
--
50
--
pF
Reverse Transfer Capacitance
C
RES
--
23
--
pF
SWITCHING
Turn-On Delay Time
t
d(on)
V
CC = 150V, IC = 30A,
R
G = 5Ω, VGE = 15V,
Resistive Load, T
J = 25
oC
--
13
--
ns
Rise Time
t
r
--
105
--
ns
Turn-Off Delay Time
t
d(off)
--
35
--
ns
Fall Time
t
f
--
160
--
ns
Turn-On Delay Time
t
d(on)
V
CC = 150V, IC = 30A,
R
G = 5Ω, VGE = 15V,
Resistive Load, T
J = 125
oC
--
14
--
ns
Rise Time
t
r
--
145
--
ns
Turn-Off Delay Time
t
d(off)
--
40
--
ns
Fall Time
t
f
--
240
--
ns
Total Gate Charge
Qg
V
CC = 150V, IC = 30A,
V
GE = 15V
--
26
--
nC
Gate-Emitter Charge
Qge
--
3.1
--
nC
Gate-Collector Charge
Qgc
--
9
--
nC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com