Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGPF30N40P-R Datasheet(PDF) 1 Page - TRinno Technology Co., Ltd.

Part # TGPF30N40P-R
Description  • 400V Trench Technology
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINNO [TRinno Technology Co., Ltd.]
Direct Link  http://www.trinnotech.com/eng/main/main.php
Logo TRINNO - TRinno Technology Co., Ltd.

TGPF30N40P-R Datasheet(HTML) 1 Page - TRinno Technology Co., Ltd.

  TGPF30N40P-R Datasheet HTML 1Page - TRinno Technology Co., Ltd. TGPF30N40P-R Datasheet HTML 2Page - TRinno Technology Co., Ltd. TGPF30N40P-R Datasheet HTML 3Page - TRinno Technology Co., Ltd. TGPF30N40P-R Datasheet HTML 4Page - TRinno Technology Co., Ltd. TGPF30N40P-R Datasheet HTML 5Page - TRinno Technology Co., Ltd. TGPF30N40P-R Datasheet HTML 6Page - TRinno Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
August. 2012 : Rev0
1/6
www.trinnotech.com
TGPF30N40P
Parameter
Symbol
Value
Unit
Collector-Emitter Voltage
V
CES
400
V
Gate-Emitter Voltage
V
GES
±30
V
Continuous Current
T
C = 25 ℃
I
c
60
A
T
C = 100 ℃
30
A
Pulsed Collector Current (Note 1)
I
CM
300
A
Power Dissipation
T
C = 25 ℃
P
D
20.8
W
T
C = 100 ℃
8.3
W
Operating Junction Temperature
T
J
-55 ~ 150
℃
Storage Temperature Range
T
STG
-55 ~ 150
℃
Maximum lead temperature for soldering purposes,
1/8” from case for 5 seconds
T
L
300
℃
G C E
C
Parameter
Symbol
Value
Unit
Maximum Thermal resistance, Junction-to-Case
RθJC
6.0
℃/W
Maximum Thermal resistance, Junction-to-Ambient
RθJA
62.5
℃/W
Notes :
(1) Repetitive rating : Pulse width limited by max junction temperature, PW ≤ 10µs, duty cycle ≤ 1%.
Absolute Maximum Ratings
Thermal Characteristics
Features:
• 400V Trench Technology
• High Speed Switching
• Low Conduction Loss
• Positive Temperature Coefficient
• Easy parallel Operation
• RoHS compliant
• JEDEC Qualification
Applications :
Plasma Display Panel, Soft switching application,
Ordering Part Number
Package
Packaging type
Marking
Remark
TGPF30N40P
TO-220F
Tube
TGPF30N40P
RoHS
TGPF30N40P-R
TO-220F(R-Forming)
Tube
TGPF30N40P
RoHS
TGPF30N40P-L
TO-220F(L-Forming)
Tube
TGPF30N40P
RoHS


Similar Part No. - TGPF30N40P-R

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
TGP-24-6P-Z FERROXCUBE-TGP-24-6P-Z Datasheet
32Kb / 1P
TGP-24-6P-Z
TGP-30-4PD-Z FERROXCUBE-TGP-30-4PD-Z Datasheet
48Kb / 1P
TGP-30-4PD-Z
TGP-40-4PD-Z FERROXCUBE-TGP-40-4PD-Z Datasheet
46Kb / 1P
TGP-40-4PD-Z
logo
List of Unclassifed Man...
TGP-651 ETC2-TGP-651 Datasheet
1Mb / 19P
ThermoHarvesting Power Module
TGP-651 ETC2-TGP-651 Datasheet
1Mb / 35P
ThermoHarvesting Wireless Sensor System
More results

Similar Description - TGPF30N40P-R

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7607TRPBF IRF-IRF7607TRPBF Datasheet
149Kb / 8P
Trench Technology
IRF7530TRPBF IRF-IRF7530TRPBF Datasheet
152Kb / 8P
Trench Technology
IRF7324TRPBF IRF-IRF7324TRPBF Datasheet
169Kb / 8P
Trench Technology
IRF7328TRPBF IRF-IRF7328TRPBF Datasheet
175Kb / 8P
Trench Technology
IRF7329TRPBF IRF-IRF7329TRPBF Datasheet
179Kb / 9P
Trench Technology
IRF7663TR IRF-IRF7663TR Datasheet
82Kb / 7P
Trench Technology
IRF7530TR IRF-IRF7530TR Datasheet
105Kb / 8P
Trench Technology
IRF7241PBF IRF-IRF7241PBF_15 Datasheet
176Kb / 9P
Trench Technology
logo
DONGGUAN YOU FENG WEI E...
15L65SP-TO277 YFWDIODE-15L65SP-TO277 Datasheet
825Kb / 3P
Advanced trench technology
logo
Vishay Siliconix
VS-GT105LA120UX VISHAY-VS-GT105LA120UX Datasheet
190Kb / 9P
Trench IGBT technology
17-Oct-16
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com