Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGPF30N40P-R Datasheet(PDF) 5 Page - TRinno Technology Co., Ltd.

Part # TGPF30N40P-R
Description  • 400V Trench Technology
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINNO [TRinno Technology Co., Ltd.]
Direct Link  http://www.trinnotech.com/eng/main/main.php
Logo TRINNO - TRinno Technology Co., Ltd.

TGPF30N40P-R Datasheet(HTML) 5 Page - TRinno Technology Co., Ltd.

  TGPF30N40P-R Datasheet HTML 1Page - TRinno Technology Co., Ltd. TGPF30N40P-R Datasheet HTML 2Page - TRinno Technology Co., Ltd. TGPF30N40P-R Datasheet HTML 3Page - TRinno Technology Co., Ltd. TGPF30N40P-R Datasheet HTML 4Page - TRinno Technology Co., Ltd. TGPF30N40P-R Datasheet HTML 5Page - TRinno Technology Co., Ltd. TGPF30N40P-R Datasheet HTML 6Page - TRinno Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
August. 2012 : Rev0
5/6
www.trinnotech.com
TGPF30N40P
Fig. 13 Gate charge characteristics
Fig. 14 SOA
Fig. 15 RBSOA
Fig. 16 Transient thermal impedance
1E-5
1E-4
1E-3
0.01
0.1
1
10
0.01
0.1
1
10
Duty = 0.5
0.1
0.2
0.05
0.01
0.02
Rectangular Pulse Width [sec]
single pulse
0.1
1
10
100
1000
0.01
0.1
1
10
100
1000
T
C
= 25
oC
T
J
= 150
oC
Single Pulse
1ms
10ms
10us
100us
DC
I
C
Max (pulsed)
Collector - Emitter Voltage, V
CE
[V]
I
C
Max (continuous)
0
5
10
15
20
25
30
0
5
10
15
V
GE
= 15V,
I
C
= 30A, T
C
= 25
oC
V
CE
= 150V
V
CE
= 200V
V
CE
= 320V
Gate Charge, Q
G
[nC]
1
10
100
1000
1
10
100
1000
Collector - Emitter Voltage, V
CE
[V]
V
GE
= 15V, Tc = 125
o
C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com