Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGPF30N40P-R Datasheet(PDF) 3 Page - TRinno Technology Co., Ltd.

Part # TGPF30N40P-R
Description  • 400V Trench Technology
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINNO [TRinno Technology Co., Ltd.]
Direct Link  http://www.trinnotech.com/eng/main/main.php
Logo TRINNO - TRinno Technology Co., Ltd.

TGPF30N40P-R Datasheet(HTML) 3 Page - TRinno Technology Co., Ltd.

  TGPF30N40P-R Datasheet HTML 1Page - TRinno Technology Co., Ltd. TGPF30N40P-R Datasheet HTML 2Page - TRinno Technology Co., Ltd. TGPF30N40P-R Datasheet HTML 3Page - TRinno Technology Co., Ltd. TGPF30N40P-R Datasheet HTML 4Page - TRinno Technology Co., Ltd. TGPF30N40P-R Datasheet HTML 5Page - TRinno Technology Co., Ltd. TGPF30N40P-R Datasheet HTML 6Page - TRinno Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
August. 2012 : Rev0
3/6
www.trinnotech.com
TGPF30N40P
0
2
4
6
8
10
12
14
16
18
20
0
2
4
6
8
10
12
14
16
18
30A
90A
60A
Gate - Emitter Voltage, V
GE
[V]
T
C
= 125
o
C
I
C
= 15A
0.1
1
10
0
200
400
600
800
1000
1200
Common Emitter
V
GE
=0V, f=1MHz
T
c
=25
oC
Collector - Emitter Voltage, V
CE
[V]
Cies
Coes
Cres
Fig. 1 Output characteristics
Fig. 2 Saturation voltage characteristics
Fig. 3 Saturation voltage vs. collector current
Fig. 4 Saturation voltage vs. gate bias
Fig. 5 Saturation voltage vs. gate bias
Fig. 6 Capacitance characteristics
0
1
2
3
4
5
0
30
60
90
120
150
VGE = 15V
Collector - Emitter Voltage, V
CE
[V]
-25
oC
25
oC
125
oC
-25
0
25
50
75
100
125
150
0.5
1.0
1.5
2.0
2.5
I
C
= 15A
I
C
= 60A
Case Temperature, T
C
[
oC]
V
GE
= 15V
I
C
= 30A
0
2
4
6
8
10
12
14
16
18
20
0
2
4
6
8
10
12
14
16
18
30A
90A
60A
Gate - Emitter Voltage, V
GE
[V]
T
C
= 25
o
C
I
C
= 15A
0
2
4
6
8
10
0
50
100
150
200
6V
7V
8V
9V
11V
15V
20V
Collector - Emitter Voltage, V
CE
[V]
V
GE
= 5V
10V
Tc = 25
oC
12V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com