Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCF5249LAG120 Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # SCF5249LAG120
Description  Integrated ColdFire Microprocessor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SCF5249LAG120 Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button SCF5249LAG120 Datasheet HTML 45Page - Freescale Semiconductor, Inc SCF5249LAG120 Datasheet HTML 46Page - Freescale Semiconductor, Inc SCF5249LAG120 Datasheet HTML 47Page - Freescale Semiconductor, Inc SCF5249LAG120 Datasheet HTML 48Page - Freescale Semiconductor, Inc SCF5249LAG120 Datasheet HTML 49Page - Freescale Semiconductor, Inc SCF5249LAG120 Datasheet HTML 50Page - Freescale Semiconductor, Inc SCF5249LAG120 Datasheet HTML 51Page - Freescale Semiconductor, Inc SCF5249LAG120 Datasheet HTML 52Page - Freescale Semiconductor, Inc SCF5249LAG120 Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
Pin-Out and Package Information
SCF5249 Integrated ColdFire® Microprocessor Data Sheet, Rev. 3
Freescale Semiconductor
49
62
EBUIN2/GPI37
I
audio interfaces EBU in 2
63
CORE-VDD
CORE-VDD
64
SCL2/GPIO3
I/O
IIS2 clock line
65
RSTI
I
Reset
66
TOUT1/ADOUT/GPO35
O
timer output 1 / AD output
67
LRCK2/GPIO44
O
audio interfaces EBU out 1
68
OE
O
Output Enable
69
SDA2/GPIO55
I/O
IIS2 data
70
SDATAO2/GPO41
O
audio interfaces serial data output 2
71
SCLK2/GPIO48
I/O
audio interfaces serial clock 2
72
PAD-GND
PAD-GND
73
TEST3
I
test
74
SDATAO1/GPIO25
I/O
audio interfaces serial data output 1
75
LRCK1
I/O
audio interfaces word clock 1
76
LRCK4/GPIO46
I/O
audio interfaces word clock 4
77
SDATAI4/GPI42
I
audio interfaces serial data in 4
78
SCLK1
I/O
audio interfaces serial clock 1
79
SCLK4/GPIO50
I/O
audio interfaces serial clock 4
80
TA/GPIO20
I/O
Transfer acknowledge
81
SDATAI1
I
audio interfaces serial data in 1
82
EBUIN1/GPI36
I
audio interfaces EBU in 1
83
PLLGRDVDD
PLLGRDVDD
84
PLLGRDGND
PLLGRDGND
85
PLLPADGND
PLLPADGND
86
PLLPADVDD
PLLPADVDD
87
PLLCOREGND
PLLCOREGND
88
PLLCOREVDD
PLLCOREVDD
Table 34. 144 QFP Pin Assignments (continued)
144 QFP
Pin
Number
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com