Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCF5249LAG120 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # SCF5249LAG120
Description  Integrated ColdFire Microprocessor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SCF5249LAG120 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button SCF5249LAG120 Datasheet HTML 2Page - Freescale Semiconductor, Inc SCF5249LAG120 Datasheet HTML 3Page - Freescale Semiconductor, Inc SCF5249LAG120 Datasheet HTML 4Page - Freescale Semiconductor, Inc SCF5249LAG120 Datasheet HTML 5Page - Freescale Semiconductor, Inc SCF5249LAG120 Datasheet HTML 6Page - Freescale Semiconductor, Inc SCF5249LAG120 Datasheet HTML 7Page - Freescale Semiconductor, Inc SCF5249LAG120 Datasheet HTML 8Page - Freescale Semiconductor, Inc SCF5249LAG120 Datasheet HTML 9Page - Freescale Semiconductor, Inc SCF5249LAG120 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
SCF5249 Integrated ColdFire® Microprocessor Data Sheet, Rev. 3
160 MAPBGA Ball Assignments
Freescale Semiconductor
6
System debug support
— Real-time instruction trace for determining dynamic execution path
— Background debug mode (BDM) for debug features while halted
— Debug exception processing capability
— Real-time debug support
System Interface
— Glueless bus interface with four chip selects and DRAMC support for interface to
16-bit for DRAM, SRAM, ROM, FLASH, and I/O devices
– Two programmable chip-select signals for static memories or peripherals, with
programmable wait states and port sizes.
– Two dedicated chip selects for 16-bit wide DRAM /SDRAM.
– CS0 is active after reset to provide boot-up from external FLASH/ROM.
— Programmable interrupt controller
– Low interrupt latency
– Eight external interrupt requests
– Programmable autovector generator
— 44 programmable general-purpose inputs*
— 46 programmable general-purpose outputs*
– * For the 160 MAPBGA package
— IEEE 1149.1 Test (JTAG) Module
Clocking
— Clock-multiplied PLL, programmable frequency
1.8V Core, 3.3V I/O
160 pin MAPBGA package (qualified at 140 MHz) and 144 pin QFP package (qualified at 120
MHz)
4
160 MAPBGA Ball Assignments
The following signals are not available on the 144 QFP package.
NOTE
The 144 QFP part is qualified for 120 MHz operation. The 160MAPBGA
part is qualified for 140 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com