Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCE949 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE949
Description  Programmable 4-PLL VCXO Clock Synthesizer with 1.8V, 2.5V and 3.3V LVCMOS Outputs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE949 Datasheet(HTML) 4 Page - Texas Instruments

  CDCE949 Datasheet HTML 1Page - Texas Instruments CDCE949 Datasheet HTML 2Page - Texas Instruments CDCE949 Datasheet HTML 3Page - Texas Instruments CDCE949 Datasheet HTML 4Page - Texas Instruments CDCE949 Datasheet HTML 5Page - Texas Instruments CDCE949 Datasheet HTML 6Page - Texas Instruments CDCE949 Datasheet HTML 7Page - Texas Instruments CDCE949 Datasheet HTML 8Page - Texas Instruments CDCE949 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
www.ti.com
THERMAL RESISTANCE FOR TSSOP (PW) PACKAGE
(1)
RECOMMENDED OPERATING CONDITIONS
RECOMMENDED CRYSTAL/VCXO SPECIFICATIONS
(1)
EEPROM SPECIFICATION
CDCE949
CDCEL949
SCAS844 – JUNE 2007
AIRFLOW
TSSOP24
PARAMETER
(lfm)
°C/W
0
85
150
80
TJA
Thermal Resistance Junction to Ambient
250
78
500
76
TJC
Thermal Resistance Junction to Case
—
26
(1)
The package thermal impedance is calculated in accordance with JESD 51 and JEDEC2S2P (high-k board).
MIN
NOM
MAX
UNIT
VDD
Device supply voltage
1.7
1.8
1.9
V
CDCE949
2.3
3.6
Output Yx supply
VDD(OUT)
V
voltage
CDCEL949
1.7
1.9
VIL
Low level input voltage LVCMOS
0.3
× V
DD
V
VIH
High level input voltage LVCMOS
0.7
× V
DD
V
VI(thresh)
Input voltage threshold LVCMOS
0.5
× V
DD
V
Input voltage range S0
0
1.9
VIS
V
Input voltage range S1,
VIthresh = 0.5 VDD
0
3.6
S2, SDA, SCL
VICLK
Input voltage range CLK
0
1.9
V
VDDout = 3.3 V
±12
mA
IOH /IOL
Output current
VDDout = 2.5 V
±10
mA
VDDout = 1.8 V
±8
mA
CL
Output load LVCMOS
10
pF
TA
Operating free-air temperature
–40
85
°C
MIN
NOM
MAX
UNIT
fXtal
Crystal Input frequency range (fundamental mode)
8
27
32
MHz
ESR
Effective series resistance
100
Ω
fPR
Pulling range (0 V
≤ V
Ctrl ≤ 1.8 V)
(2)
±120
±150
ppm
V(Ctrl)
Frequency control voltage
0
VDD
V
C0/C1
Pullability ratio
220
CL
On-chip load capacitance at Xin and Xout
0
20
pF
(1)
For more information about VCXO configuration and crystal recommendation see application report SCAA085.
(2)
Pulling range depends on crystal type, on-chip crystal load capacitance and PCB stray capacitance; pulling range of min
±120 ppm
applies for crystal listed in the application report SCAA085.
MIN
TYP
MAX
UNIT
EEcyc
EEcyc programming cycles of EEPROM
1000
cycles
EEret
EEret data retention
10
years
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com