Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCE949 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE949
Description  Programmable 4-PLL VCXO Clock Synthesizer with 1.8V, 2.5V and 3.3V LVCMOS Outputs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE949 Datasheet(HTML) 1 Page - Texas Instruments

  CDCE949 Datasheet HTML 1Page - Texas Instruments CDCE949 Datasheet HTML 2Page - Texas Instruments CDCE949 Datasheet HTML 3Page - Texas Instruments CDCE949 Datasheet HTML 4Page - Texas Instruments CDCE949 Datasheet HTML 5Page - Texas Instruments CDCE949 Datasheet HTML 6Page - Texas Instruments CDCE949 Datasheet HTML 7Page - Texas Instruments CDCE949 Datasheet HTML 8Page - Texas Instruments CDCE949 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
www.ti.com
FEATURES
APPLICATIONS
Y4
Y5
V
DD
GND
Vctr
V
DDOUT
S2/S1/S0or
SDA/SCL
Y1
VCXO
XO
LVCMOS
3
Y2
Y3
LV
CMOS
LV
CMOS
PLL1
withSSC
LV
CMOS
LV
CMOS
LV
CMOS
PLL2
withSSC
Y6
Y7
LV
CMOS
LV
CMOS
PLL3
withSSC
Y8
Y9
LV
CMOS
LV
CMOS
PLL4
withSSC
Xin/Clk 1
24 Xout
S0 2
23 S1/SDA
Vdd 3
22 S2/SCL
Vctr 4
21 Y1
GND 5
20 GND
Vddout 6
19 Y2
Y4 7
18 Y3
Y5 8
17 Vddout
GND 9
16 Y6
Vddout 10
15 Y7
Y8 11
14 GND
Y9 12
13 Vdd
Divider
and
Output
Control
EEPROM
Programming
and
ControlRegister
CDCE949
CDCEL949
SCAS844 – JUNE 2007
Programmable 4-PLL VCXO Clock Synthesizer with 1.8V, 2.5V and 3.3V LVCMOS Outputs
–
Three User-Definable Control Inputs
[S0/S1/S2] e.g. SSC-Selection, Frequency
• Member of Programmable Clock Generator
Switching, Output Enable or Power Down
Family
–
Programmable SSC Modulation
–
CDCE949/CDCEL949: 4 PLLs, 9 Outputs
–
Enables 0-PPM Clock Generation
–
CDCE937/CDCEL937: 3 PLLs, 7 Outputs
–
Generates Common Clock Frequencies
–
CDCE925/CDCEL925: 2 PLLs, 5 Outputs
Used with TI DaVinci™, OMAP™, DSPs
–
CDCE913/CDCEL913: 1 PLLs, 3 Outputs
–
Generates Highly-Accurate Clocks for
• In-System Programmability and EEPROM
Video, Audio, USB, IEEE1394, RFID,
–
Serial Programmable Volatile Register
BlueTooth™, WLAN, Ethernet and GPS
–
Non-Volatile EEPROM to Store Customer
• 1.8 V Device Power Supply
Settings
• Separate Output Supply Pins
• Very Flexible Input Clocking Concept
–
CDCE949: 3.3 V and 2.5 V
–
External Crystal: 8 to 32 MHz
–
CDCEL949: 1.8 V
–
On-Chip VCXO: Pull-Range
±150 ppm
• Wide Temperature Range –40°C to 85°C
–
Single-Ended LVCMOS up to 160 MHz
• Packaged in TSSOP
• Selectable Output Frequency up to 230 MHz
• Development and Programming Kit for Ease
• Very Low-Noise PLL Core
PLL Design and Programming (TI-Pro Clock)
–
Integrated PLL Loop Filter Components
–
Very Low Period Jitter (typ 60 ps)
• D-TV, HD-TV, STB, IP-STB, DVD-Player,
• Highly Flexible Clock Driver
DVD-Recorder, Printer
• General Purpose Frequency Synthesizing
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
DaVinci, OMAP, Pro Clock are trademarks of Texas Instruments.
BlueTooth is a trademark of Bluetooth SIG, Inc.
I2C is a trademark of Philips Electronics.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CDCE949

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE949 TI-CDCE949 Datasheet
376Kb / 21P
Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE949 TI-CDCE949 Datasheet
522Kb / 31P
Programmable 4-PLL VCXO Clock Synthesizer with 1.8V, 2.5V and 3.3V LVCMOS Outputs
CDCE949-Q1 TI1-CDCE949-Q1 Datasheet
717Kb / 32P
PROGRAMMABLE 4-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-,V and 3.3-V LVCMOS OUTPUTS
CDCE949-Q1 TI2-CDCE949-Q1 Datasheet
1Mb / 39P
CDCEx937-Q1 Programmable 3-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V LVCMOS Outputs
REVISED DECEMBER 2016
CDCE949PW TI-CDCE949PW Datasheet
522Kb / 31P
Programmable 4-PLL VCXO Clock Synthesizer with 1.8V, 2.5V and 3.3V LVCMOS Outputs
More results

Similar Description - CDCE949

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS271 ICST-ICS271 Datasheet
170Kb / 8P
Triple PLL Field Programmable VCXO Clock Synthesizer
Revision 040705
logo
Texas Instruments
CDCE949 TI-CDCE949_10 Datasheet
522Kb / 31P
Programmable 4-PLL VCXO Clock Synthesizer with 1.8V, 2.5V and 3.3V LVCMOS Outputs
CDCE925 TI-CDCE925 Datasheet
485Kb / 27P
PROGRAMMABLE 2-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-V and 3.3-V LVCMOS OUTPUTS
CDCE937 TI-CDCE937_10 Datasheet
481Kb / 30P
Programmable 3-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V and 3.3-V LVCMOS Outputs
CDCE937-Q1 TI1-CDCE937-Q1 Datasheet
688Kb / 30P
PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-V, AND 3.3-V LVCMOS OUTPUTS
CDCE949-Q1 TI1-CDCE949-Q1 Datasheet
717Kb / 32P
PROGRAMMABLE 4-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-,V and 3.3-V LVCMOS OUTPUTS
logo
Integrated Device Techn...
MPC9600AE IDT-MPC9600AE Datasheet
384Kb / 15P
Low Voltage, 2.5V and 3.3V LVCMOS PLL Clock Driver
logo
Texas Instruments
CDCE913 TI1-CDCE913_15 Datasheet
1Mb / 35P
Programmable 1-PLL VCXO Clock Synthesizer
CDCE913-Q1 TI1-CDCE913-Q1 Datasheet
897Kb / 27P
Programmable 1-PLL VCXO Clock Synthesizer
CDCE937-Q1 TI1-CDCE937-Q1_15 Datasheet
902Kb / 30P
PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com