Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCE949 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE949
Description  Programmable 4-PLL VCXO Clock Synthesizer with 1.8V, 2.5V and 3.3V LVCMOS Outputs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE949 Datasheet(HTML) 10 Page - Texas Instruments

Back Button CDCE949 Datasheet HTML 6Page - Texas Instruments CDCE949 Datasheet HTML 7Page - Texas Instruments CDCE949 Datasheet HTML 8Page - Texas Instruments CDCE949 Datasheet HTML 9Page - Texas Instruments CDCE949 Datasheet HTML 10Page - Texas Instruments CDCE949 Datasheet HTML 11Page - Texas Instruments CDCE949 Datasheet HTML 12Page - Texas Instruments CDCE949 Datasheet HTML 13Page - Texas Instruments CDCE949 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
DEFAULT DEVICE SETTING
EEPROM
Xin
Xout
V
DD
GND
V
DDOUT
X-tal
Y2=27MHz
Y1=27MHz
Y3=27MHz
LV
CMOS
Pdiv1=1
Y4=27MHz
Y5=27MHz
Y6=27MHz
Y7=27MHz
Y8=27MHz
Y9=27MHz
LV
CMOS
Pdiv9=1
Pdiv8=1
LV
CMOS
LV
CMOS
Pdiv7=1
Pdiv6=1
LV
CMOS
LV
CMOS
Pdiv5=1
Pdiv4=1
LV
CMOS
LV
CMOS
Pdiv3=1
Pdiv2=1
LV
CMOS
Programming
and
SDA/SCL
Register
InputClock
PLL Bypass
PLL 1
powerdown
PLL Bypass
PLL 2
powerdown
PLL Bypass
PLL 3
powerdown
PLL Bypass
PLL 4
powerdown
S0
SDA
SCL
27MHz
Crystal
ProgrammingBus
“1” =outputsenabled
“0” =outputs3-State
CDCE949
CDCEL949
SCAS844 – JUNE 2007
Table 3. Y1 Setting(1)
Y1 SELECTION
Y1
FUNCTION
0
State 0
1
State 1
(1)
State0 and State1 are user-definable in Generic Configuration
Register and can be power down, 3-state, low or active.
The S1/SDA and S2/SCL pins of the CDCE949/CDCEL949 are dual-function pins. In the default configuration
they are defined as SDA/SCL for the serial interface. They can be programmed as control pins (S1/S2) by
setting the appropriate bits in the EEPROM. Note that changes to the Control register (Bit [6] of Byte 02) have
no effect until they are written into the EEPROM.
Once they are set as control pins, the serial programming interface is no longer available. However, if VDDOUT is
forced to GND, the two control-pins, S1 and S2, temporarily act as serial programming pins (SDA/SCL).
S0 is not a multi-use pin, it is a control pin only.
The internal EEPROM of CDCE949/CDCEL949 is preconfigured as shown in Figure 6. (The input frequency is
passed through to the output as a default.) This allows the device to operate in default mode without the extra
production step of programming it. The default setting appears after power is supplied or after a power-down/up
sequence until it is reprogrammed by the user to a different application configuration. A new register setting is
programmed via the serial SDA/SCL Interface.
Figure 6. Default Configuration
A different default setting can be programmed upon customer request. Contact Texas Instruments sales or
marketing representative for more information.
Table 4 shows the default setting for the Control Terminal Register (external control pins). In normal operation,
all 8 register settings are available, but in the default configuration only the first two settings (0 and 1) can be
selected with S0, as S1 and S2 are configured as programming pins in default mode.
10
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com