Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4571 Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # 4571
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4571 Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button 4571 Datasheet HTML 56Page - Renesas Technology Corp 4571 Datasheet HTML 57Page - Renesas Technology Corp 4571 Datasheet HTML 58Page - Renesas Technology Corp 4571 Datasheet HTML 59Page - Renesas Technology Corp 4571 Datasheet HTML 60Page - Renesas Technology Corp 4571 Datasheet HTML 61Page - Renesas Technology Corp 4571 Datasheet HTML 62Page - Renesas Technology Corp 4571 Datasheet HTML 63Page - Renesas Technology Corp 4571 Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 126 page
background image
Rev.1.02
May 25, 2007
Page 60 of 124
REJ03B0179-0102
4571 Group
2. Connection of bypass capacitor across VSS line
and VDD line
Connect an approximately 0.1
µF bypass capacitor across the
VSS line and the VDD line as follows:
• Connect a bypass capacitor across the VSS pin and the VDD pin
at equal length.
• Connect a bypass capacitor across the VSS pin and the VDD pin
with the shortest possible wiring.
• Use lines with a larger diameter than other signal lines for VSS
line and VDD line.
• Connect the power source wiring via a bypass capacitor to the
VSS pin and the VDD pin.
Fig 65. Bypass capacitor across the VSS line and the
VDD line
3. Wiring to analog input pins
• Connect an approximately 100
Ω to 1 kΩ resistor to an analog
signal line which is connected to an analog input pin in series.
Besides, connect the resistor to the microcomputer as close as
possible.
• Connect an approximately 1000 pF capacitor across the VSS
pin and the analog input pin. Besides, connect the capacitor to
the VSS pin as close as possible. Also, connect the capacitor
across the analog input pin and the Vss pin at equal length.
<Reason>
Signals which is input in an analog input pin (such as an A/D
converter/comparator input pin) are usually output signals from
sensor. The sensor which detects a change of event is installed
far from the printed circuit board with a microcomputer, the
wiring to an analog input pin is longer necessarily. This long
wiring functions as an antenna which feeds noise into the
microcomputer, which causes noise to an analog input pin.
Fig 66. Analog signal line and a resistor and a capacitor
VSS
VDD
VSS
VDD
N.G.
O.K.
Thermistor
Analog
input pin
(Note)
N.G.
O.K.
VSS
Note : The resistor is used for dividing
resistance with a thermistor.
Microcomputer
Noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com