Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4571 Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # 4571
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4571 Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button 4571 Datasheet HTML 61Page - Renesas Technology Corp 4571 Datasheet HTML 62Page - Renesas Technology Corp 4571 Datasheet HTML 63Page - Renesas Technology Corp 4571 Datasheet HTML 64Page - Renesas Technology Corp 4571 Datasheet HTML 65Page - Renesas Technology Corp 4571 Datasheet HTML 66Page - Renesas Technology Corp 4571 Datasheet HTML 67Page - Renesas Technology Corp 4571 Datasheet HTML 68Page - Renesas Technology Corp 4571 Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 126 page
background image
Rev.1.02
May 25, 2007
Page 65 of 124
REJ03B0179-0102
4571 Group
Note 1.“R” represents read enabled, and “W” represents write enabled.
Clock control register MR
at reset : 11112
at RAM back-up : 11112
R/W
TAMR/TMRA
Operation mode selection bits
MR3 MR2
Operation mode
MR3
0
0
Through mode (frequency not divided)
0
1
Frequency divided by 2 mode
1
0
Frequency divided by 4 mode
MR2
1
1
Frequency divided by 8 mode
MR1 Not used
0
This bit has no function, but read/write is enabled.
1
MR0 Not used
0
This bit has no function, but read/write is enabled.
1
Key-on wakeup control register K0
at reset : 00002
at RAM back-up : state retained
R/W
TAK0/TK0A
K03
Port P03 key-on wakeup control bit
0
Key-on wakeup not used
1
Key-on wakeup used
K02
Port P02 key-on wakeup control bit
0
Key-on wakeup not used
1
Key-on wakeup used
K01
Port P01 key-on wakeup control bit
0
Key-on wakeup not used
1
Key-on wakeup used
K00
Port P00 key-on wakeup control bit
0
Key-on wakeup not used
1
Key-on wakeup used
Key-on wakeup control register K1
at reset : 00002
at RAM back-up : state retained
R/W
TAK1/TK1A
K13
Port P13 key-on wakeup control bit
0
Key-on wakeup not used
1
Key-on wakeup used
K12
Port P12 key-on wakeup control bit
0
Key-on wakeup not used
1
Key-on wakeup used
K11
Port P11 key-on wakeup control bit
0
Key-on wakeup not used
1
Key-on wakeup used
K10
Port P10 key-on wakeup control bit
0
Key-on wakeup not used
1
Key-on wakeup used
Key-on wakeup control register K2
at reset : 00002
at RAM back-up : state retained
R/W
TAK2/TK2A
K23
Not used
0
This bit has no function, but read/write is enabled.
1
K22
Port K key-on wakeup control bit
0
Key-on wakeup not used
1
Key-on wakeup used
K21
Port P21 key-on wakeup control bit
0
Key-on wakeup not used
1
Key-on wakeup used
K20
Port P20 key-on wakeup control bit
0
Key-on wakeup not used
1
Key-on wakeup used
Key-on wakeup control register L1
at reset : 00002
at RAM back-up : state retained
R/W
TAL1/TL1A
L13
INT1 pin return condition selection bit
0
Return by level
1
Return by edge
L12
INT1 pin valid waveform/
level selection bit
0
Falling waveform/“L” level
1
Rising waveform/“H” level
L11
INT0 pin
return condition selection bit
0
Return by level
1
Return by edge
L10
INT0 pin
key-on wakeup control bit
0
Key-on wakeup not used
1
Key-on wakeup used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com