Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4571 Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # 4571
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4571 Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button 4571 Datasheet HTML 23Page - Renesas Technology Corp 4571 Datasheet HTML 24Page - Renesas Technology Corp 4571 Datasheet HTML 25Page - Renesas Technology Corp 4571 Datasheet HTML 26Page - Renesas Technology Corp 4571 Datasheet HTML 27Page - Renesas Technology Corp 4571 Datasheet HTML 28Page - Renesas Technology Corp 4571 Datasheet HTML 29Page - Renesas Technology Corp 4571 Datasheet HTML 30Page - Renesas Technology Corp 4571 Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 126 page
background image
Rev.1.02
May 25, 2007
Page 27 of 124
REJ03B0179-0102
4571 Group
The 4571 Group timer consists of the following circuits.
• Prescaler : 8-bit programmable timer
• Timer 1 : 8-bit programmable timer
• Timer 2 : 8-bit programmable timer
• Timer 3 : 8-bit programmable timer
• Watchdog timer: 16-bit fixed frequency timer
(Timers 1, 2 and 3 have the interrupt function, respectively)
Prescaler, timer 1, timer 2 and timer 3 can be controlled with the
timer control registers PA, W1, W2, W3 and W5. The watchdog
timer is a free counter which is not controlled with the control
register.
Each function is described below.
Table 16 Function related timers
Circuit
Structure
Count source
Frequency
dividing ratio
Use of output signal
Control
register
Prescaler
8-bit programmable
binary down counter
• Instruction clock (INSTCK)
• Instruction clock divided by 4
(INSTCK/4)
1 to 256
• Timer 1 count source
• Timer 2 count source
• Timer 3 count source
PA
Timer 1
8-bit programmable
binary down counter
(link to INT0 input)
(carrier wave output auto-
control function)
• PWM signal (PWMOUT)
• Prescaler output (ORCLK)
• CNTR0 input (CNTR0IN)
• System clock (STCK)
1 to 256
• Timer 2 count source
• CNTR0 output
• Carrier wave output auto-
control
• Timer 1 interrupt
W1
W5
Timer 2
8-bit programmable
binary down counter
• PWM signal (PWMOUT)
• Timer 1 underflow (T1UDF)
• Prescaler output (ORCLK)
• System clock (STCK)
1 to 256
• CNTR0 output
• Timer 2 interrupt
W2
W5
Timer 3
8-bit programmable
binary down counter
(with carrier wave
generation function)
•XIN input
• Prescaler output divided by 2
(ORCLK/2)
1 to 256
• Timer 1 count source
• Timer 2 count source
• CNTR1 output
• Timer 3 interrupt
W1
W3
W5
Watchdog
timer
16-bit fixed dividing
frequency
• Instruction clock (INSTCK)
65536
• System reset (counting twice)
• Decision of flag WDF1
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com