Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4571 Datasheet(PDF) 69 Page - Renesas Technology Corp

Part # 4571
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4571 Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button 4571 Datasheet HTML 65Page - Renesas Technology Corp 4571 Datasheet HTML 66Page - Renesas Technology Corp 4571 Datasheet HTML 67Page - Renesas Technology Corp 4571 Datasheet HTML 68Page - Renesas Technology Corp 4571 Datasheet HTML 69Page - Renesas Technology Corp 4571 Datasheet HTML 70Page - Renesas Technology Corp 4571 Datasheet HTML 71Page - Renesas Technology Corp 4571 Datasheet HTML 72Page - Renesas Technology Corp 4571 Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 126 page
background image
Rev.1.02
May 25, 2007
Page 69 of 124
REJ03B0179-0102
4571 Group
M34571G4: p=0 to 31
M34571G6: p=0 to 47
M34571GD: p=0 to 127
INDEX LIST OF INSTRUCTION FUNCTION (continued)
Group
ing
Mnemonic
Function
Page
BM a
(SP)
← (SP) + 1
(SK(SP))
← (PC)
(PCH)
← 2
(PCL)
← a6−a0
72, 107
BML p, a
(SP)
← (SP) + 1
(SK(SP))
← (PC)
(PCH)
← p
(PCL)
← a6−a0
73, 107
BMLA p
(SP)
← (SP) + 1
(SK(SP))
← (PC)
(PCH)
← p
(PCL)
← (DR2−DR0, A3−A0)
73, 107
RTI
(PC)
← (SK(SP))
(SP)
← (SP) − 1
81, 107
RT
(PC)
← (SK(SP))
(SP)
← (SP) − 1
80, 107
RTS
(PC)
← (SK(SP))
(SP)
← (SP) − 1
81, 107
DI
(INTE)
← 0
74, 109
EI
(INTE)
← 1
74, 109
SNZ0
V10 = 0 : (EXF0) = 1 ?
(EXF0)
← 0
V10 = 1 : NOP
83, 109
SNZI0
I12 = 0 : (INT0) = “L” ?
I12 = 1 : (INT0) = “H” ?
84, 109
SNZ1
V11 = 0 : (EXF1) = 1 ?
(EXF1)
← 0
V11 = 1 : NOP
83, 109
SNZI1
I22 = 0 : (INT1) = “L” ?
I22 = 1 : (INT1) = “H” ?
84, 109
TAV1
(A)
← (V1)
93, 109
TV1A
(V1)
← (A)
100, 109
TAV2
(A)
← (V2)
93, 109
TV2A
(V2)
← (A)
100, 109
TAI1
(A)
← (I1)
90, 109
TI1A
(I1)
← (A)
96, 109
TAI2
(A)
← (I2)
90, 109
TI2A
(I2)
← (A)
97, 109
Group
ing
Mnemonic
Function
Page
TPAA
(PA0)
← (A0)
98, 109
TAW1
(A)
← (W1)
93, 109
TW1A
(W1)
← (A)
100, 109
TAW2
(A)
← (W2)
94, 109
TW2A
(W2)
← (A)
101, 109
TAW3
(A)
← (W3)
94, 109
TW3A
(W3)
← (A)
101, 109
TAW5
(A)
← (W5)
94, 109
TW5A
(W5)
← (A)
101, 109
TABPS
(B)
← (TPS7−TPS4)
(A)
← (TPS3−TPS0)
89, 111
TPSAB
(RPS7
−RPS4) ← (B)
(TPS7
−TPS4) ← (B)
(RPS3
−RPS0) ← (A)
(TPS3
−TPS0) ← (A)
99, 111
TAB1
(B)
← (T17−T14)
(A)
← (T13−T10)
88, 111
T1AB
(R17
−R14) ← (B)
(T17
−T14) ← (B)
(R13
−R10) ← (A)
(T13
−T10) ← (A)
87, 111
TR1AB
(R17
−R14) ← (B)
(R13
−R10) ← (A)
100, 111
TAB2
(B)
← (T27−T24)
(A)
← (T23−T20)
88, 111
T2AB
(R27
−R24) ← (B)
(T27
−T24) ← (B)
(R23
−R20) ← (A)
(T23
−T20) ← (A)
87, 111
TAB3
(B)
← (T37−T34)
(A)
← (T33−T30)
89, 111
T3AB
(R3L7
−R3L4) ← (B)
(T37
−T34) ← (B)
(R3L3
−R3L0) ← (A)
(T33
−T30) ← (A)
87, 111
T3R3L
(T37
−T30) ← (R3L7−R3L0)
88, 111
T3HAB
(R3H7
−R3H4) ← (B)
(R3H3
−R3H0) ← (A)
87, 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com